Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD040 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65MLVD040
Description  SN65MLVD040 4-Channel Half-Duplex M-LVDS Line Transceivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65MLVD040 Datasheet HTML 3Page - Texas Instruments SN65MLVD040 Datasheet HTML 4Page - Texas Instruments SN65MLVD040 Datasheet HTML 5Page - Texas Instruments SN65MLVD040 Datasheet HTML 6Page - Texas Instruments SN65MLVD040 Datasheet HTML 7Page - Texas Instruments SN65MLVD040 Datasheet HTML 8Page - Texas Instruments SN65MLVD040 Datasheet HTML 9Page - Texas Instruments SN65MLVD040 Datasheet HTML 10Page - Texas Instruments SN65MLVD040 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
5.7 Reciver Electrical Charecteristics
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going differential input
voltage threshold (A, B)
Type 1
See Table 6-1 and Table
6-2
35
mV
Type 2
135
VIT–
Negative-going differential input
voltage threshold (A, B)
Type 1
–35
mV
Type 2
65
VHYS
Differential input voltage hysteresis,
(VIT+ – VIT–) (A, B)
Type 1
25
mV
Type 2
0
VOH
High-level output voltage (R)
IOH = –8 mA
2.4
V
VOL
Low-level output voltage (R)
IOL = 8 mA
0.4
V
IIH
High-level input current ( RE)
VIH = 2 V to VCC
–10
μA
IIL
Low-level input current ( RE)
VIL = GND to 0.8 V
–10
μA
IOZ
High-impedance output current (R)
VO = 0 V or VCC
–10
15
μA
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
5.8 Bus Input and Output Electrical Characteristics
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IA
Receiver or transceiver
with driver disabled input
current
VA = 3.8 V,
VB = 1.2 V
32
μA
VA = –1.4 V,
VB = 1.2 V
–32
IB
Receiver or transceiver
with driver disabled input
current
VB = 3.8 V,
VA = 1.2 V
32
μA
VB = –1.4 V,
VA = 1.2 V
–32
IAB
Receiver or transceiver
with driver disabled
differential input current
(IA – IB)
VA = VB ,
1.4 ≤ VA ≤ 3.8 V
–4
4
μA
IA(OFF)
Receiver or transceiver
power-off input current
VA = 3.8 V,
VB = 1.2 V,
0 V ≤ VCC≤ 1.5 V
32
μA
VA = –1.4 V,
VB= 1.2 V,
0 V ≤ VCC≤ 1.5 V
–32
IB(OFF)
Receiver or transceiver
power-off input current
VB = 3.8 V,
VA = 1.2 V,
0 V ≤ VCC≤ 1.5 V
32
μA
VB = –1.4 V,
VA = 1.2 V,
0 V ≤ VCC≤ 1.5 V
–32
IAB(OFF)
Receiver input or
transceiver power-off
differential input current
(IA(off) – IB(off))
VA = VB, 0 V ≤ VCC ≤ 1.5 V, –1.4 ≤ VA ≤ 3.8 V
–4
4
μA
CA
Transceiver with driver
disabled
input capacitance
VA = 0.4 sin (30E6πt) + 0.5 V(2),
VB = 1.2 V
5
pF
CB
Transceiver with driver
disabled
input capacitance
VB = 0.4 sin (30E6πt) + 0.5 V(2),
VA = 1.2 V
5
pF
CAB
Transceiver with driver
disabled
differential input
capacitance
VAB = 0.4 sin (30E6πt)V(2)
3
pF
CA/B
Transceiver with driver
disabled
input capacitance
balance, (CA/CB)
0.99
1.01
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
www.ti.com
SN65MLVD040
SLLS902A – FEBRUARY 2010 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com