Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD040 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN65MLVD040
Description  SN65MLVD040 4-Channel Half-Duplex M-LVDS Line Transceivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD040 Datasheet HTML 9Page - Texas Instruments SN65MLVD040 Datasheet HTML 10Page - Texas Instruments SN65MLVD040 Datasheet HTML 11Page - Texas Instruments SN65MLVD040 Datasheet HTML 12Page - Texas Instruments SN65MLVD040 Datasheet HTML 13Page - Texas Instruments SN65MLVD040 Datasheet HTML 14Page - Texas Instruments SN65MLVD040 Datasheet HTML 15Page - Texas Instruments SN65MLVD040 Datasheet HTML 16Page - Texas Instruments SN65MLVD040 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
5.11 Typical Characteristics (continued)
50
75
100
125
f-Frequency-MHz
0
2
4
6
8
10
V
=3.3V,
TA =25°C,
V
=800mV,
V
=1V,
Input=Clock
CC
ID
IC
Figure 5-13. Added Reciver Type-2 Periods Jitter vs Frequency
0
1
2
3
4
50
75
100
125
f-Frequency-MHz
V
=3.3V,
TA =25°C,
Input=Clock
CC
Figure 5-14. Added Period Driver Jitter vs Frequency
0
5
10
15
50
75
100
125
f-Frequency-MHz
V
=3.3V,
TA =25°C,
V
=400mV,
V
=1V,
Input=Clock
CC
ID
IC
Figure 5-15. Added Reciver Type-1 Cycle-to-Cycle Jitter vs
Frequency
0
5
10
15
50
75
100
125
f-Frequency-MHz
V
=3.3V,
TA =25°C,
V
=800mV,
V
=1V,
Input=Clock
CC
ID
IC
Figure 5-16. Added Reciver Type-2 Cycle-to-Cycle Jitter vs
Frequency
www.ti.com
SN65MLVD040
SLLS902A – FEBRUARY 2010 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com