Electronic Components Datasheet Search
  English  ▼

X  

ICS8535BGI01 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8535BGI01
Description  LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8535BGI01 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8535BGI01 Datasheet HTML 1Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 2Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 3Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 4Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 5Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 6Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 7Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 8Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO-
3.3V LVPECL FANOUT BUFFER
ICS8535BI-01
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
1
ICS8535BGI-01 REV. A NOVEMBER 9, 2007
PRELIMINARY
GENERAL DESCRIPTION
The ICS8535BI-01 is a low skew, high performance
1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL fanout
buffer and a member of the HiPerClockS™ family
of High Performance Clock Solutions from IDT. The
ICS8535BI-01 has two single ended clock inputs.
the single ended clock input accepts LVCMOS or LVTTL input
levels and translate them to 3.3V LVPECL levels. The clock
enable is internally synchronized to eliminate runt clock pulses
on the output during asynchronous assertion/deassertion of
the clock enable pin.
Guaranteed output and part-to-part skew characteristics make
the ICS8535BI-01 ideal for those applications demanding well
defined performance and repeatability.
FEATURES
• Four differential 3.3V LVPECL outputs
• Selectable CLK0 or CLK1 inputs for redundant
and multiple frequency fanout applications
• CLK0 or CLK1 can accept the following input levels: LVCMOS
or LVTTL
• Maximum output frequency: 266MHz
• Translates LVCMOS and LVTTL levels to
3.3V LVPECL levels
• Output skew: TBD
• Part-to-part skew: TBD
• Propagation delay: 1.3ns (typical)
• Additive phase jitter, RMS: 0.04ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
BLOCK DIAGRAM
HiPerClockS™
ICS
ICS8535BI-01
20-Lead TSSOP
4.4mm x 6.5mm x 0.925mm body package
G Package
Top View
nQ1
Q1
VCC
nQ0
Q0
VEE
CLK_EN
CLK_SEL
nc
CLK0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q2
nQ2
VCC
nc
Q3
nQ3
VCC
nc
nc
CLK1
The Preliminary Information presented herein represents a product in pre-production. The noted characteristics are based on initial product characterization
and/or qualification. Integrated Device Technology, Incorporated (IDT) reserves the right to change any circuitry or specifications without notice.
ICS8535BI-01
20-Lead VFQFN
4mm x 4mm x 0.925mm body package
K Package
Top View
VCC
nQ3
Q3
VEE
CLK_EN
VCC
Q2
nQ2
VCC
nc
1
2
3
4
5
20 19 18 17 16
6
7
8
9
10
15
14
13
12
11
PIN ASSIGNMENT
CLK0
CLK1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
CLK_EN
CLK_SEL
D
Q
LE


Similar Part No. - ICS8535BGI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
logo
Integrated Device Techn...
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 27, 2001
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
More results

Similar Description - ICS8535BGI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Micrel Semiconductor
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com