Electronic Components Datasheet Search
  English  ▼

X  

ICS8535BGI01 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8535BGI01
Description  LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8535BGI01 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8535BGI01 Datasheet HTML 6Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 7Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 8Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 9Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 10Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 11Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 12Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 13Page - Integrated Device Technology ICS8535BGI01 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
10
ICS8535BGI-01 REV. A NOVEMBER 9, 2007
ICS8535BI-01
LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
PRELIMINARY
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8535BI-01.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS8535BI-01 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC
= 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)
MAX
= V
CC_MAX
* I
EE_MAX
= 3.465V * 45mA = 155.9mW
•
Power (outputs)
MAX
= 30mW/Loaded Output pair
If all outputs are loaded, the total power is 4 x 30mW = 120mW
Total Power
_MAX
(3.465V, with all outputs switching) = 155.9mW + 120mW = 275.9mW
2.
Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air low of 200 linear feet per minute and a multi-layer board, the appropriate value is 66.6°C/W per Table 6A below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.276W * 66.6°C/W = 103.38°C. This is well below the limit of 125°C.
This calculation is only an example, and the Tj will obviously vary depending on the number of outputs that are loaded, supply
voltage, air flow, and the type of board (single layer or multi-layer).
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 6A. THERMAL RESISTANCE
θθθθθ
JA
FOR
20-LEAD TSSOP, FORCED CONVECTION
TABLE 6B.
θ
JA
VS
. AIR FLOW TABLE FOR 20 LEAD VFQFN
θθθθθ
JA
by Velocity (Meters per Second)
01
3
Multi-Layer PCB, JEDEC Standard Test Boards
60.4°C/W
52.8°C/W
46.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com