Electronic Components Datasheet Search
  English  ▼

X  

SN74AC32 Datasheet(PDF) 16 Page - Texas Instruments

Part # SN74AC32
Description  SN74AC32-Q1 Automotive Quadruple 2-Input OR Gates
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC32 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74AC32 Datasheet HTML 12Page - Texas Instruments SN74AC32 Datasheet HTML 13Page - Texas Instruments SN74AC32 Datasheet HTML 14Page - Texas Instruments SN74AC32 Datasheet HTML 15Page - Texas Instruments SN74AC32 Datasheet HTML 16Page - Texas Instruments SN74AC32 Datasheet HTML 17Page - Texas Instruments SN74AC32 Datasheet HTML 18Page - Texas Instruments SN74AC32 Datasheet HTML 19Page - Texas Instruments SN74AC32 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
8.2.1.2 Input Considerations
Input signals must cross VIL(max) to be considered a logic LOW, and VIH(min) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. The unused inputs can be directly terminated if the
input is completely unused, or they can be connected with a pull-up or pull-down resistor if the input will be used
sometimes, but not always. A pull-up resistor is used for a default state of HIGH, and a pull-down resistor is
used for a default state of LOW. The drive current of the controller, leakage current into the SN74AC32-Q1 (as
specified in the Electrical Characteristics), and the desired input transition rate limits the resistor size. A 10kΩ
resistor value is often used due to these factors.
The SN74AC32-Q1 has CMOS inputs and thus requires fast input transitions to operate correctly, as defined in
the Recommended Operating Conditions table. Slow input transitions can cause oscillations, additional power
consumption, and reduction in device reliability.
Refer to the Feature Description section for additional information regarding the inputs for this device.
8.2.1.3 Output Considerations
The positive supply voltage is used to produce the output HIGH voltage. Drawing current from the output will
decrease the output voltage as specified by the VOH specification in the Electrical Characteristics. The ground
voltage is used to produce the output LOW voltage. Sinking current into the output will increase the output
voltage as specified by the VOL specification in the Electrical Characteristics.
Push-pull outputs that could be in opposite states, even for a very short time period, should never be connected
directly together. This can cause excessive current and damage to the device.
Two channels within the same device with the same input signals can be connected in parallel for additional
output drive strength.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to the Feature Description section for additional information regarding the outputs for this device.
SN74AC32-Q1
SCASE88 – MARCH 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com