Electronic Components Datasheet Search
  English  ▼

X  

SN74AC32 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AC32
Description  SN74AC32-Q1 Automotive Quadruple 2-Input OR Gates
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC32 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AC32 Datasheet HTML 2Page - Texas Instruments SN74AC32 Datasheet HTML 3Page - Texas Instruments SN74AC32 Datasheet HTML 4Page - Texas Instruments SN74AC32 Datasheet HTML 5Page - Texas Instruments SN74AC32 Datasheet HTML 6Page - Texas Instruments SN74AC32 Datasheet HTML 7Page - Texas Instruments SN74AC32 Datasheet HTML 8Page - Texas Instruments SN74AC32 Datasheet HTML 9Page - Texas Instruments SN74AC32 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOL
IOL = 50µA
1.5V
0.001
0.1
V
1.8V
0.001
0.1
2.5V
0.001
0.1
3V
0.001
0.1
4.5V
0.001
0.1
5.5V
0.001
0.1
IOL = 1mA
1.8V
0.01
0.36
IOL = 2 mA
2.5V
0.02
0.5
IOL = 4mA
3V
0.03
0.5
IOL = 12mA
3V
0.1
0.5
IOL = 24mA
4.5V
0.16
0.5
IOL = 24mA
5.5V
0.15
0.5
IOL = 75mA
5.5V
0.4
1.65
IOL = 50mA
5.5V
0.3
1.65
II
VI = 5.5V or GND
0V to 5.5V
±0.005
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5V
0.1
20
µA
CI
VI = VCC or GND
5V
2
pF
CPD
CL = 50pF, F = 1MHz
5V
60
pF
5.6 Switching Characteristics
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See
Parameter Measurement Information
PARAMETE
R
FROM (INPUT)
TO (OUTPUT)
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tPLH
A or B
Y
1.5V
13.4
18
24.6
ns
tPHL
A or B
Y
1.5V
13.8
18.6
25.7
ns
tPLH
A or B
Y
3.3V
1
6.8
11
ns
tPHL
A or B
Y
3.3V
1
6.8
9
ns
tPLH
A or B
Y
5V
1
5
8.5
ns
tPHL
A or B
Y
5V
1
5
7
ns
tr
Y
1.5V
7.7
9.4
14.2
ns
tf
1.5V
7.2
9.1
13.4
ns
tr
Y
3.3V
4
4.2
6.4
ns
tf
3.3V
3.4
3.7
5.5
ns
tr
Y
5V
3
3.1
4.6
ns
tf
5V
2.6
2.9
4.1
ns
SN74AC32-Q1
SCASE88 – MARCH 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com