Electronic Components Datasheet Search
  English  ▼

X  

SN74AC32 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AC32
Description  SN74AC32-Q1 Automotive Quadruple 2-Input OR Gates
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC32 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AC32 Datasheet HTML 3Page - Texas Instruments SN74AC32 Datasheet HTML 4Page - Texas Instruments SN74AC32 Datasheet HTML 5Page - Texas Instruments SN74AC32 Datasheet HTML 6Page - Texas Instruments SN74AC32 Datasheet HTML 7Page - Texas Instruments SN74AC32 Datasheet HTML 8Page - Texas Instruments SN74AC32 Datasheet HTML 9Page - Texas Instruments SN74AC32 Datasheet HTML 10Page - Texas Instruments SN74AC32 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
5.7 Typical Characteristics
TA = 25°C (unless otherwise noted)
VIN (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
15
30
45
60
75
90
105
120
135
150
1.8 V
2.5 V
Figure 5-1. Supply Current Across Input Voltage 1.8V and 2.5V
Supply
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
100
200
300
400
500
600
700
800
900
1000
3.3 V
5 V
Figure 5-2. Supply Current Across Input Voltage 3.3V and 5.0V
Supply
VCC (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
90
100
25 °C
125 °C
-40 °C
Figure 5-3. Supply Current Across Supply Voltage
IOH (mA)
-8
-7
-6
-5
-4
-3
-2
-1
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
1.8 V
2.5 V
3.3 V
5 V
Figure 5-4. Output Voltage vs Current in HIGH State
IOL (mA)
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
0
0.008
0.016
0.024
0.032
0.04
0.048
0.056
0.064
0.072
0.08
1.8 V
2.5 V
3.3 V
5 V
Figure 5-5. Output Voltage vs Current in LOW State
IOH (mA)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
4.24
4.32
4.4
4.48
4.56
4.64
4.72
4.8
4.88
4.96
5.04
25°C
125°C
-40°C
Figure 5-6. Output Voltage vs Current in HIGH State; 5V Supply
www.ti.com
SN74AC32-Q1
SCASE88 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com