Electronic Components Datasheet Search
  English  ▼

X  

PI-UPTIMEUPS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PI-UPTIMEUPS
Description  Pi-UpTimeUPS – UPS and power mobility for Raspberry Pi
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PI-UPTIMEUPS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PI-UPTIMEUPS Datasheet HTML 1Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 2Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 3Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 4Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 5Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1/29/2019
Pi-UpTimeUPS - UPS and power mobility for Raspberry Pi - Alchemy Power Inc.
http://alchemy-power.com/pi-uptime-ups/
3/6
5)      Power Reset switch. Pi-UpTimeUPS allows a restart of the Raspberry Pi after a software shutdown or
whenever needed. With Pi-UpTimeUPS, there is no need to plug or unplug the external power source to
reset the Pi. A Power-Reset switch on Pi-UpTimeUPS resets the Pi after a shutdown. A red LED turns on to
signal the Pi power reset. There is also an additional connection for an external reset switch. Should you
plan to use an external switch or encase the Pi (with Pi-UpTimeUPS) in an enclosure, you can use this
connection point to connect an external reset switch. The external switch has to be normally o , with
momentary on toggle.
6)      Battery Protection. The battery is protected in several ways:
1. A temperature sensor monitors the temperature and suspends charging operation if the temperature
rises to unsafe levels.
2. An onboard chip protects the batteries from over charging or over discharging
‐ both of which could
damage the batteries.
3. The battery charging circuitry manages the charge level so that the batteries remain charged.
4. The charge power level is maintained so that the Raspberry Pi and its peripherals get the priority in
operation over battery charging. Thus, if the Raspberry Pi demands more power, the battery provides
it and resumes charging after the demand for the additional power is ful lled.
5. A fuse protects the 3.3V power supply to protect against short circuits.
The protections not only protects the battery from damage, it also extends the useful life of the battery.
7)      Software. Python code provided for download for Pi-UpTimeUPS includes sample code for using the
analog ports. Instructions are also provided for setting up the RTC. The software can be downloaded from
the web as well.
8)      UPS power sources: 3.3V and 5V UPS power is provided. Note the 3.3V power is not tapped from the
Raspberry Pi. It is regenerated from the UPS and the batteries. A maximum of 800 mA of power can be
drawn from the 3.3V power source.
Back to the Top
ADDITIONAL FEATURES
1. Industry Standard Batteries. Pi-UpTimeUPS uses standard 18650 Lithum Ion rechargeable batteries
instead of custom batteries. 18650 batteries are commonly available. Batteries are not included with
Pi-UpTimeUPS.
2. Mounting holes and stando s provide mechanical stability of the Raspberry Pi and Pi-UpTimeUPS
assembly. This ensures the batteries or the board does not fall o . Recommend using 15mm
stando . Also recommend Pi-UpTimeUPS is the top board on a Raspberry Pi stack. If a board needs to
be stacked on top of a Pi-UpTimeUPS, use 23mm headers or longer headers. An 2×20 pin header
extension will be needed for proper connection.
3. Fuse and Power Protection. A temperature sensitive and current sensitive fuse protects exposed
3.3V connection.
4. Temperature monitoring. The battery charging chip monitors the battery temperature and shuts
the charging o if the batteries get too hot or if the ambient temperature rises above 50 degrees C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com