Electronic Components Datasheet Search
  English  ▼

X  

PI-UPTIMEUPS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PI-UPTIMEUPS
Description  Pi-UpTimeUPS – UPS and power mobility for Raspberry Pi
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PI-UPTIMEUPS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PI-UPTIMEUPS Datasheet HTML 1Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 2Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 3Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 4Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 5Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1/29/2019
Pi-UpTimeUPS - UPS and power mobility for Raspberry Pi - Alchemy Power Inc.
http://alchemy-power.com/pi-uptime-ups/
4/6
After cooling charging is resumed. The temperature monitoring  protects the batteries and system
from heating up and causing damage.
5. Auto shuto – Battery level is monitored in hardware. Download software code to shutdown the Pi
when battery level runs low. (provide URL to download)The Python code will shut down the system
when the battery level runs low. When the battery level runs below 2.7 V the system shuts down,
protecting the battery. If needed, the python code can be run as a cron job to monitor the battery
health and shutdown system when batteries run low.
6. Works with all current models of the Raspberry Pi using a 40 pin header. This includes Raspberry
Pi-3, Pi-2 and other. Older models with a 26 pin header will not work with this board. Other clone
boards such as Pi Orange, Asus Tinker etc. all work with the Pi-UpTimeUPS. The Python code will have
to be modi ed for the Operating system used with the clone boards.
7. On-board LED’s shows the status of Pi-UpTimeUPS. A red LED indicates a power reset and glows
when the Power Reset switch is pressed. See our FAQ for more information on other LED’s. A battery
low LED (orange color) shows the battery condition low. If the battery is low, the Raspberry Pi may not
reboot till the battery reaches a stable level.
8. Compatible – compatible with other boards and follows the Raspberry Pi HAT format for mounting
holes, headers etc. This includes clones as well.
Back to the Top
Typical Pi-UpTimeUPS
UPS. Pi-UpTimeUPS provides protection against brown outs as well as power failure. When the power fails
there is no interruptions to the normal operations of the Raspberry Pi. Depending on the batteries used, the
run time could be as much as 16 hours (for some of the older models or Pi) to as little as 12 hours (e.g. a
Pi-3 with WiFi and Bluetooth operational.) The run time will depend on the battery capacity (mAh) and the
peripherals connected to the Pi. Run time will be longer if larger capacity batteries are used. Battery charge
time is approximately 5 hours. Recommend using a solar panel 10W or more to provide sufficient power to
charge the batteries as well as power the Pi during sunlight hours.
Data Logging and remote Data Loggers. Pi-UpTimeUPS enhances capabilities of the Raspberry Pi for data
logging applications and for remote data loggers.  If power source is not available readily, the batteries can
be recharged in the day using a 5V solar panel or other renewable energy sources (e.g. wind turbines.)
Mobility. Pi-UpTimeUPS is a compact, rechargeable power source making the Pi mobile. Many applications
such as digital cameras, game controllers, portable oscilloscopes, mobile phones, drone monitoring,  and
more are made possible using Pi-UpTimeUPS.
Security and Surveillance.  Pi-UpTimeUPS ensures that the security and surveillance applications you
create have the necessary power. Pi-UpTimeUPS works well with the Raspberry Pi Camera – providing
necessary power to the camera as well as the Raspberry Pi for continued security and surveillance – even
when the power fails.
Robotics. Pi-UpTimeUPS provide a compact, stackable power source making it ideal for robotics. The total
capacity of 6000 mAh (two batteries, each rated for 3000 mAh) can run a robot for a long time.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com