Electronic Components Datasheet Search
  English  ▼

X  

PI-UPTIMEUPS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PI-UPTIMEUPS
Description  Pi-UpTimeUPS – UPS and power mobility for Raspberry Pi
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PI-UPTIMEUPS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PI-UPTIMEUPS Datasheet HTML 1Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 2Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 3Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 4Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 5Page - List of Unclassifed Manufacturers PI-UPTIMEUPS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1/29/2019
Pi-UpTimeUPS - UPS and power mobility for Raspberry Pi - Alchemy Power Inc.
http://alchemy-power.com/pi-uptime-ups/
6/6
Pi-EzConnect: Secure GPIO connections for Pi-2 and Pi-3.
PiZ-EzConnect: Secure GPIO connections for Pi Zero. Can also be used with Pi-2 and Pi-3. Small compact Pi
Zero format.
PiZ-EzConnect KIT: Build your own connector for Pi Zero or Pi-2, Pi-3 using PiZ-EzConnect board. Soldering
required.
Back to the Top
II. Using Pi-UpTimeUPS and other boards (HATs / shields)
Pi-UpTimeUPS uses the header pins of the Raspberry Pi to provide power to the Pi. As long as the other
boards follow the Raspberry Pi Foundation standards for connections, Pi-UpTimeUPS will work with these
boards.
 
III. Pi Models Supported
By default, we ship the larger, 40 pin connectors which works with the Raspberry Pi+ (models A+, B+, Pi-2
and Pi-3, and other vendors adhering to the HAT standard). Pi-Zero is also supported, as long as a 40 pin
header is soldered onto the Pi-Zero. The mounting holes for the stando for Pi-zero are such that only two
stando s can be connected. Note that the Pi-UpTimeUPS board will extend beyond the dimensions of the
Pi-Zero board.
Older models of the Raspberry Pi with a 26 pin header are not supported
Back to the Top



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com