Electronic Components Datasheet Search
  English  ▼

X  

SN6501 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN6501
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN6501 Datasheet HTML 17Page - Texas Instruments SN6501 Datasheet HTML 18Page - Texas Instruments SN6501 Datasheet HTML 19Page - Texas Instruments SN6501 Datasheet HTML 20Page - Texas Instruments SN6501 Datasheet HTML 21Page - Texas Instruments SN6501 Datasheet HTML 22Page - Texas Instruments SN6501 Datasheet HTML 23Page - Texas Instruments SN6501 Datasheet HTML 24Page - Texas Instruments SN6501 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
8.2.2.5.3 Recommended Transformers
Depending on the application, use the minimum configuration in Figure 8-6 or standard configuration in Figure
8-7.
1 F
µ
V
IN
MBR0520L
MBR0520L
T1
3
1
SN6501
5
2
4
TP1
0.1µF
D2
D1
V
CC
GND
GND
Figure 8-6. Unregulated Output for Low-Current
Loads With Wide Supply Range
Figure 8-7. Regulated Output for Stable Supplies
and High Current Loads
The Wurth Electronics Midcom isolation transformers in Table 8-3 are optimized designs for the SN6501,
providing high efficiency and small form factor at low-cost.
The 1:1.1 and 1:1.7 turns-ratios are designed for logic applications with wide supply rails and low load currents.
These applications operate without LDO, thus achieving further cost-reduction.
Table 8-3. Recommended Isolation Transformers Optimized for SN6501
Turns
Ratio
V x T
(Vμs)
Isolation
(VRMS)
Dimensions
(mm)
Application
LDO
Figures
Order No.
Manufacturer
1:1.1 ±2%
7
2500
6.73 x 10.05 x 4.19
3.3 V → 3.3 V
No
Figure 5-1
Figure 5-2
760390011
Wurth
Electronics/
Midcom
1:1.1 ±2%
11
5 V → 5 V
Figure 5-3
Figure 5-4
760390012
1:1.7 ±2%
3.3 V → 5 V
Figure 5-5
Figure 5-6
760390013
1:1.3 ±2%
3.3 V → 3.3 V
5 V → 5 V
Yes
Figure 5-7
Figure 5-8
Figure 5-9
Figure 5-10
760390014
1:2.1 ±2%
3.3 V → 5 V
Figure 5-11
Figure 5-12
760390015
1.23:1 ±2%
5 V → 3.3 V
Figure 5-13
Figure 5-14
750313710
1:1.1 ±2%
11
5000
9.14 x 12.7 x 7.37
3.3 V → 3.3 V
No
Figure 5-15
Figure 5-16
750313734
1:1.1 ±2%
5 V → 5 V
Figure 5-17
Figure 5-18
750313734
1:1.7 ±2%
3.3 V → 5 V
Figure 5-19
Figure 5-20
750313769
1:1.3 ±2%
3.3 V → 3.3 V
5 V → 5 V
Yes
Figure 5-21
Figure 5-22
Figure 5-23
Figure 5-24
750313638
1:2.1 ±2%
3.3 V → 5 V
Figure 5-25
Figure 5-26
750313626
1.3:1 ±2%
5 V → 3.3 V
Figure 5-27
Figure 5-28
750313638
1:1.3 ±3%
11
5000
10.4 x 12.2 x 6.1
3.3 V → 3.3 V
5 V → 5 V
No
N/A
HCT-SM-1.3-8-2
Bourns
1:1.1 ±2%
9.2
2500
7.01 x 11 x 4.19
3.3 V → 3.3 V
5 V → 5 V
No
N/A
EPC3668G-LF
PCA Electronics
www.ti.com
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com