Electronic Components Datasheet Search
  English  ▼

X  

SN6501 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN6501
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN6501 Datasheet HTML 9Page - Texas Instruments SN6501 Datasheet HTML 10Page - Texas Instruments SN6501 Datasheet HTML 11Page - Texas Instruments SN6501 Datasheet HTML 12Page - Texas Instruments SN6501 Datasheet HTML 13Page - Texas Instruments SN6501 Datasheet HTML 14Page - Texas Instruments SN6501 Datasheet HTML 15Page - Texas Instruments SN6501 Datasheet HTML 16Page - Texas Instruments SN6501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
7 Detailed Description
7.1 Overview
The SN6501 is a transformer driver designed for low-cost, small form-factor, isolated DC-DC converters utilizing
the push-pull topology. The device includes an oscillator that feeds a gate-drive circuit. The gate-drive,
comprising a frequency divider and a break-before-make (BBM) logic, provides two complementary output
signals which alternately turn the two output transistors on and off.
The output frequency of the oscillator is divided down by an asynchronous divider that provides two
complementary output signals with a 50% duty cycle. A subsequent break-before-make logic inserts a dead-time
between the high-pulses of the two signals. The resulting output signals, present the gate-drive signals for the
output transistors. As shown in the functional block diagram, before either one of the gates can assume logic
high, there must be a short time period during which both signals are low and both transistors are high-
impedance. This short period, known as break-before-make time, is required to avoid shorting out both ends of
the primary.
7.2 Functional Block Diagram
OSC
Q
Q
SN6501
Gate
Drive
D1
V
CC
D2
GND
GND
7.3 Feature Description
7.3.1 Push-Pull Converter
Push-pull converters require transformers with center-taps to transfer power from the primary to the secondary
(see Figure 7-1).
C
CR1
CR2
Q1
Q2
VIN
VOUT
RL
C
CR1
CR2
Q1
Q2
VIN
VOUT
RL
Figure 7-1. Switching Cycles of a Push-Pull Converter
When Q1 conducts, VIN drives a current through the lower half of the primary to ground, thus creating a negative
voltage potential at the lower primary end with regards to the VIN potential at the center-tap.
At the same time the voltage across the upper half of the primary is such that the upper primary end is positive
with regards to the center-tap in order to maintain the previously established current flow through Q2, which now
has turned high-impedance. The two voltage sources, each of which equaling VIN, appear in series and cause a
voltage potential at the open end of the primary of 2×VIN with regards to ground.
Per dot convention the same voltage polarities that occur at the primary also occur at the secondary. The
positive potential of the upper secondary end therefore forward biases diode CR1. The secondary current
www.ti.com
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com