Electronic Components Datasheet Search
  English  ▼

X  

SN6501 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN6501
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501 Datasheet(HTML) 4 Page - Texas Instruments

  SN6501 Datasheet HTML 1Page - Texas Instruments SN6501 Datasheet HTML 2Page - Texas Instruments SN6501 Datasheet HTML 3Page - Texas Instruments SN6501 Datasheet HTML 4Page - Texas Instruments SN6501 Datasheet HTML 5Page - Texas Instruments SN6501 Datasheet HTML 6Page - Texas Instruments SN6501 Datasheet HTML 7Page - Texas Instruments SN6501 Datasheet HTML 8Page - Texas Instruments SN6501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4 Pin Configuration and Functions
1
5
2
3
4
D1
V
CC
D2
GND
GND
Figure 4-1. 5-Pin SOT-23 DBV Package Top View
Table 4-1. Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
TYPE
D1
1
OD
Open Drain output 1. Connect this pin to one end of the transformer primary side.
VCC
2
P
Supply voltage input. Connect this pin to the center-tap of the transformer primary side. Buffer this
voltage with a 1 μF to 10 μF ceramic capacitor.
D2
3
OD
Open Drain output 2. Connect this pin to the other end of the transformer primary side.
GND
4,5
P
Device ground. Connect this pin to board ground.
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com