Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # SN6501DBVT
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 10Page - Texas Instruments SN6501DBVT Datasheet HTML 11Page - Texas Instruments SN6501DBVT Datasheet HTML 12Page - Texas Instruments SN6501DBVT Datasheet HTML 13Page - Texas Instruments SN6501DBVT Datasheet HTML 14Page - Texas Instruments SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
starting from the upper secondary end flows through CR1, charges capacitor C, and returns through the load
impedance RL back to the center-tap.
When Q2 conducts, Q1 goes high-impedance and the voltage polarities at the primary and secondary reverse.
Now the lower end of the primary presents the open end with a 2×VIN potential against ground. In this case CR2
is forward biased while CR1 is reverse biased and current flows from the lower secondary end through CR2,
charging the capacitor and returning through the load to the center-tap.
7.3.2 Core Magnetization
Figure 7-2 shows the ideal magnetizing curve for a push-pull converter with B as the magnetic flux density and H
as the magnetic field strength. When Q1 conducts the magnetic flux is pushed from A to A’, and when Q2
conducts the flux is pulled back from A’ to A. The difference in flux and thus in flux density is proportional to the
product of the primary voltage, VP, and the time, tON, it is applied to the primary: B ≈ VP × tON.
R
DS
B
H
A
A’
VIN
VP
V
DS
V
IN = VP + VDS
Figure 7-2. Core Magnetization and Self-Regulation Through Positive Temperature Coefficient of RDS(on)
This volt-seconds (V-t) product is important as it determines the core magnetization during each switching cycle.
If the V-t products of both phases are not identical, an imbalance in flux density swing results with an offset from
the origin of the B-H curve. If balance is not restored, the offset increases with each following cycle and the
transformer slowly creeps toward the saturation region.
Fortunately, due to the positive temperature coefficient of a MOSFET’s on-resistance, the output FETs of the
SN6501 have a self-correcting effect on V-t imbalance. In the case of a slightly longer on-time, the prolonged
current flow through a FET gradually heats the transistor which leads to an increase in RDS-on. The higher
resistance then causes the drain-source voltage, VDS, to rise. Because the voltage at the primary is the
difference between the constant input voltage, VIN, and the voltage drop across the MOSFET, VP = VIN – VDS, VP
is gradually reduced and V-t balance restored.
7.4 Device Functional Modes
The functional modes of the SN6501 are divided into start-up, operating, and off-mode.
7.4.1 Start-Up Mode
When the supply voltage at Vcc ramps up to 2.4 V typical, the internal oscillator starts operating at a start
frequency of 300 kHz. The output stage begins switching but the amplitude of the drain signals at D1 and D2 has
not reached its full maximum yet.
7.4.2 Operating Mode
When the device supply has reached its nominal value ±10% the oscillator is fully operating. However variations
over supply voltage and operating temperature can vary the switching frequencies at D1 and D2 between 250
kHz and 550 kHz for VCC = 3.3 V ±10%, and between 300 kHz and 620 kHz for VCC = 5 V ±10%.
7.4.3 Off-Mode
The SN6501 is deactivated by reducing VCC to 0 V. In this state both drain outputs, D1 and D2, are high-
impedance.
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com