Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 17 Page - Texas Instruments

Part # SN6501DBVT
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 13Page - Texas Instruments SN6501DBVT Datasheet HTML 14Page - Texas Instruments SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
lower value is usually specified at room temperature and can increase by a factor of 2 over temperature,
which in turn will raise the required minimum input voltage.
• The required minimum input voltage preventing the regulator from dropping out of line regulation is given
with:
VI-min = VDO-max + VO-max
(1)
This means in order to determine VI for worst-case condition, the user must take the maximum values for VDO
and VO specified in the LDO data sheet for rated output current (i.e., 100 mA) and add them together. Also
specify that the output voltage of the push-pull rectifier at the specified load current is equal or higher than
VI-min. If it is not, the LDO will lose line-regulation and any variations at the input will pass straight through to
the output. Hence below VI-min the output voltage will follow the input and the regulator behaves like a simple
conductor.
• The maximum regulator input voltage must be higher than the rectifier output under no-load. Under this
condition there is no secondary current reflected back to the primary, thus making the voltage drop across
RDS-on negligible and allowing the entire converter input voltage to drop across the primary. At this point the
secondary reaches its maximum voltage of
VS-max = VIN-max × n
(2)
with VIN-max as the maximum converter input voltage and n as the transformer turns ratio. Thus to prevent the
LDO from damage the maximum regulator input voltage must be higher than VS-max. Table 8-2 lists the maximum
secondary voltages for various turns ratios commonly applied in push-pull converters with 100 mA output drive.
Table 8-2. Required Maximum LDO Input Voltages for Various Push-Pull Configurations
PUSH-PULL CONVERTER
LDO
CONFIGURATION
VIN-max [V]
TURNS-RATIO
VS-max [V]
VI-max [V]
3.3 VIN to 3.3 VOUT
3.6
1.5 ± 3%
5.6
6 to 10
3.3 VIN to 5 VOUT
3.6
2.2 ± 3%
8.2
10
5 VIN to 5 VOUT
5.5
1.5 ± 3%
8.5
10
8.2.2.3 Diode Selection
A rectifier diode should always possess low-forward voltage to provide as much voltage to the converter output
as possible. When used in high-frequency switching applications, such as the SN6501 however, the diode must
also possess a short recovery time. Schottky diodes meet both requirements and are therefore strongly
recommended in push-pull converter designs. A good choice for low-volt applications and ambient temperatures
of up to 85°C is the low-cost Schottky rectifier MBR0520L with a typical forward voltage of 275 mV at 100-mA
forward current. For higher output voltages such as ±10 V and above use the MBR0530 which provides a higher
DC blocking voltage of 30 V.
Lab measurements have shown that at temperatures higher than 100°C the leakage currents of the above
Schottky diodes increase significantly. This can cause thermal runaway leading to the collapse of the rectifier
output voltage. Therefore, for ambient temperatures higher than 85°C use low-leakage Schottky diodes, such as
RB168M-40.
www.ti.com
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com