Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 19 Page - Texas Instruments

Part # SN6501DBVT
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments SN6501DBVT Datasheet HTML 22Page - Texas Instruments SN6501DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
8.2.2.4 Capacitor Selection
The capacitors in the converter circuit in Figure 8-7 are multi-layer ceramic chip (MLCC) capacitors.
As with all high speed CMOS ICs, the SN6501 requires a bypass capacitor in the range of 10 nF to 100 nF.
The input bulk capacitor at the center-tap of the primary supports large currents into the primary during the fast
switching transients. For minimum ripple make this capacitor 1 μF to 10 μF. In a 2-layer PCB design with a
dedicated ground plane, place this capacitor close to the primary center-tap to minimize trace inductance. In a 4-
layer board design with low-inductance reference planes for ground and VIN, the capacitor can be placed at the
supply entrance of the board. To ensure low-inductance paths use two vias in parallel for each connection to a
reference plane or to the primary center-tap.
The bulk capacitor at the rectifier output smoothes the output voltage. Make this capacitor 1 μF to 10 μF.
The small capacitor at the regulator input is not necessarily required. However, good analog design practice
suggests, using a small value of 47 nF to 100 nF improves the regulator’s transient response and noise
rejection.
The LDO output capacitor buffers the regulated output for the subsequent isolator and transceiver circuitry. The
choice of output capacitor depends on the LDO stability requirements specified in the data sheet. However, in
most cases, a low-ESR ceramic capacitor in the range of 4.7 μF to 10 μF will satisfy these requirements.
8.2.2.5 Transformer Selection
8.2.2.5.1 V-t Product Calculation
To prevent a transformer from saturation its V-t product must be greater than the maximum V-t product applied
by the SN6501. The maximum voltage delivered by the SN6501 is the nominal converter input plus 10%. The
maximum time this voltage is applied to the primary is half the period of the lowest frequency at the specified
input voltage. Therefore, the transformer’s minimum V-t product is determined through:
max
IN-max
min
IN-max
min
T
V
Vt
V
=
2
2
f
³
´
´
(3)
Inserting the numeric values from the data sheet into the equation above yields the minimum V-t products of
.
min
min
3.6 V
Vt
= 7.2 Vμs
for 3.3 V, and
2
250 kHz
5.5 V
Vt
= 9.1 Vμs for 5 V applications
2
300 kHz
³
´
³
´
(4)
Common V-t values for low-power center-tapped transformers range from 22 Vμs to 150 Vμs with typical
footprints of 10 mm x 12 mm. However, transformers specifically designed for PCMCIA applications provide as
little as 11 Vμs and come with a significantly reduced footprint of 6 mm x 6 mm only.
While Vt-wise all of these transformers can be driven by the SN6501, other important factors such as isolation
voltage, transformer wattage, and turns ratio must be considered before making the final decision.
8.2.2.5.2 Turns Ratio Estimate
Assume the rectifier diodes and linear regulator has been selected. Also, it has been determined that the
transformer choosen must have a V-t product of at least 11 Vμs. However, before searching the manufacturer
websites for a suitable transformer, the user still needs to know its minimum turns ratio that allows the push-pull
converter to operate flawlessly over the specified current and temperature range. This minimum transformation
ratio is expressed through the ratio of minimum secondary to minimum primary voltage multiplied by a correction
factor that takes the transformer’s typical efficiency of 97% into account:
VS-min must be large enough to allow for a maximum voltage drop, VF-max, across the rectifier diode and still
provide sufficient input voltage for the regulator to remain in regulation. From the LDO SELECTION section, this
minimum input voltage is known and by adding VF-max gives the minimum secondary voltage with:
www.ti.com
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com