Electronic Components Datasheet Search
  English  ▼

X  

SN6505BDBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # SN6505BDBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505BDBVT Datasheet(HTML) 4 Page - Texas Instruments

  SN6505BDBVT Datasheet HTML 1Page - Texas Instruments SN6505BDBVT Datasheet HTML 2Page - Texas Instruments SN6505BDBVT Datasheet HTML 3Page - Texas Instruments SN6505BDBVT Datasheet HTML 4Page - Texas Instruments SN6505BDBVT Datasheet HTML 5Page - Texas Instruments SN6505BDBVT Datasheet HTML 6Page - Texas Instruments SN6505BDBVT Datasheet HTML 7Page - Texas Instruments SN6505BDBVT Datasheet HTML 8Page - Texas Instruments SN6505BDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1). All typical values are at TA = 25°C, VCC = 5 V.
MIN
MAX
UNIT
Supply voltage (2)
VCC
–0.5
6
V
Voltage
EN, CLK
–0.5
VCC + 0.5(3)
Output switch voltage
D1, D2
16
V
Peak output switch current I(D1)Pk, I(D2)Pk
2.4
A
Junction temperature, TJ
-55
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Section 6.3 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods affects device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND) and are peak voltage values.
(3)
Maximum voltage of 6V.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±6000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.25
5.5
V
ID1, ID2
Output switch current - Primary side
2.25 V < VCC < 2.8 V
0.75
A
2.8 V < VCC < 5.5 V
1
TA
Ambient temperature
–55
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
SN6505
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
137.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57.7
°C/W
RθJB
Junction-to-board thermal resistance
46.0
°C/W
ψJT
Junction-to-top characterization parameter
13.4
°C/W
ψJB
Junction-to-board characterization parameter
44.9
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com