Electronic Components Datasheet Search
  English  ▼

X  

SN6505BDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # SN6505BDBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505BDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN6505BDBVT Datasheet HTML 4Page - Texas Instruments SN6505BDBVT Datasheet HTML 5Page - Texas Instruments SN6505BDBVT Datasheet HTML 6Page - Texas Instruments SN6505BDBVT Datasheet HTML 7Page - Texas Instruments SN6505BDBVT Datasheet HTML 8Page - Texas Instruments SN6505BDBVT Datasheet HTML 9Page - Texas Instruments SN6505BDBVT Datasheet HTML 10Page - Texas Instruments SN6505BDBVT Datasheet HTML 11Page - Texas Instruments SN6505BDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Load Current (mA)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
D032
SN6505A + Wurth 750316033
VCC = 5 V
Figure 6-7. Output Voltage vs Load Current
Load Current (mA)
0
10
20
30
40
50
60
70
80
90
100
D033
SN6505A + Wurth 750316033
VCC = 5 V
Figure 6-8. Efficiency vs Load Current
Temperature (qC)
-75
-25
25
75
125
150
155
160
165
170
D003
VCC = 2.25 V
VCC = 5.5 V
Figure 6-9. Frequency vs Free-Air Temperature
External Frequency (kHz)
100
200
300
400
500
600
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D001
VCC = 2.25 V
VCC = 5.5 V
Figure 6-10. Current vs External Frequency
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com