Electronic Components Datasheet Search
  English  ▼

X  

SN6505BDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # SN6505BDBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505BDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN6505BDBVT Datasheet HTML 9Page - Texas Instruments SN6505BDBVT Datasheet HTML 10Page - Texas Instruments SN6505BDBVT Datasheet HTML 11Page - Texas Instruments SN6505BDBVT Datasheet HTML 12Page - Texas Instruments SN6505BDBVT Datasheet HTML 13Page - Texas Instruments SN6505BDBVT Datasheet HTML 14Page - Texas Instruments SN6505BDBVT Datasheet HTML 15Page - Texas Instruments SN6505BDBVT Datasheet HTML 16Page - Texas Instruments SN6505BDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Load Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110
10
11
12
13
14
15
16
17
18
19
20
SN6505B + Wurth 78931812518
VCC= 5V
Figure 6-35. Output Voltage vs Load Current
Load Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110
0
10
20
30
40
50
60
70
80
90
100
SN6505B + Wurth 78931812518
VCC= 5V
Figure 6-36. Efficiency vs Load Current
Load Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110
10
12
14
16
18
20
SN6505B + Wurth 750343725
VCC= 5V
Figure 6-37. Output Voltage vs Load Current
Load Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110
0
10
20
30
40
50
60
70
80
90
100
SN6505B + Wurth 750343725
VCC= 5V
Figure 6-38. Efficiency vs Load Current
Load Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110
12
14
16
18
20
22
24
26
SN6505B + Wurth 78931812523
VCC= 5V
Figure 6-39. Output Voltage vs Load Current
Load Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110
0
10
20
30
40
50
60
70
80
90
100
SN6505B + Wurth 78931812523
VCC= 5V
Figure 6-40. Efficiency vs Load Current
www.ti.com
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com