Electronic Components Datasheet Search
  English  ▼

X  

ICS843242 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS843242
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843242 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS843242 Datasheet HTML 1Page - Integrated Device Technology ICS843242 Datasheet HTML 2Page - Integrated Device Technology ICS843242 Datasheet HTML 3Page - Integrated Device Technology ICS843242 Datasheet HTML 4Page - Integrated Device Technology ICS843242 Datasheet HTML 5Page - Integrated Device Technology ICS843242 Datasheet HTML 6Page - Integrated Device Technology ICS843242 Datasheet HTML 7Page - Integrated Device Technology ICS843242 Datasheet HTML 8Page - Integrated Device Technology ICS843242 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
2
ICS843242AG REV. A OCTOBER 2, 2007
ICS843242
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
ρ
ε
β
μ
υ
Νε
μ
α
Νε
π
ψ
Τν
ο
ι
τ
π
ι
ρ
χ
σ
ε
Δ
2
,
1B
Q
,
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
3V
B
_
O
C
C
r
e
w
o
P.
s
t
u
p
t
u
o
B
Q
n
,
B
Q
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
41
B
L
E
St
u
p
n
Ip
u
ll
u
P
.
h
g
i
H
=
t
l
u
a
f
e
D
.
B
k
n
a
B
r
o
f
n
i
p
t
c
e
l
e
s
n
o
i
s
i
v
i
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
50
B
L
E
St
u
p
n
In
w
o
d
ll
u
P
.
w
o
L
=
t
l
u
a
f
e
D
.
B
k
n
a
B
r
o
f
n
i
p
t
c
e
l
e
s
n
o
i
s
i
v
i
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
6V
A
_
O
C
C
r
e
w
o
P.
s
t
u
p
t
u
o
A
Q
n
,
A
Q
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
8
,
7A
Q
n
,
A
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
9L
E
S
_
B
Ft
u
p
n
In
w
o
d
ll
u
P
t
e
s
s
i
r
e
d
i
v
i
d
k
c
a
b
d
e
e
f
e
h
t
,
)
t
l
u
a
f
e
d
(
w
o
L
n
e
h
W
.
t
c
e
l
e
s
e
d
i
v
i
d
k
c
a
b
d
e
e
F
.
4
2
÷
r
o
f
t
e
s
s
i
r
e
d
i
v
i
d
k
c
a
b
d
e
e
f
e
h
t
,
H
G
I
H
n
e
h
W
.
0
2
÷
r
o
f
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
1V
A
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
1
1V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
2
10
A
L
E
St
u
p
n
Ip
u
ll
u
P
.
H
G
I
H
=
t
l
u
a
f
e
D
.
A
k
n
a
B
r
o
f
n
i
p
t
c
e
l
e
s
n
o
i
s
i
v
i
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
11
A
L
E
St
u
p
n
In
w
o
d
ll
u
P
.
w
o
L
=
t
l
u
a
f
e
D
.
A
k
n
a
B
r
o
f
n
i
p
t
c
e
l
e
s
n
o
i
s
i
v
i
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4
1V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
6
1
,
5
1
,
T
U
O
_
L
A
T
X
N
I
_
L
A
T
X
t
u
p
n
I
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
,
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
:
E
T
O
N
n
w
o
d
ll
u
P
d
n
a
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com