Electronic Components Datasheet Search
  English  ▼

X  

ICS843242 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS843242
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843242 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS843242 Datasheet HTML 3Page - Integrated Device Technology ICS843242 Datasheet HTML 4Page - Integrated Device Technology ICS843242 Datasheet HTML 5Page - Integrated Device Technology ICS843242 Datasheet HTML 6Page - Integrated Device Technology ICS843242 Datasheet HTML 7Page - Integrated Device Technology ICS843242 Datasheet HTML 8Page - Integrated Device Technology ICS843242 Datasheet HTML 9Page - Integrated Device Technology ICS843242 Datasheet HTML 10Page - Integrated Device Technology ICS843242 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
7
ICS843242AG REV. A OCTOBER 2, 2007
ICS843242
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
QA, QB
RMS PHASE JITTER
OUTPUT SKEW
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
V
EE
2V
-1.3V±0.165V
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
V
CC,
V
CCO_A. _B
nQA, nQB
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
tsk(o)
Qy
Qx
nQy
nQx
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
V
CCA
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com