Electronic Components Datasheet Search
  English  ▼

X  

ICS843242 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS843242
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843242 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS843242 Datasheet HTML 4Page - Integrated Device Technology ICS843242 Datasheet HTML 5Page - Integrated Device Technology ICS843242 Datasheet HTML 6Page - Integrated Device Technology ICS843242 Datasheet HTML 7Page - Integrated Device Technology ICS843242 Datasheet HTML 8Page - Integrated Device Technology ICS843242 Datasheet HTML 9Page - Integrated Device Technology ICS843242 Datasheet HTML 10Page - Integrated Device Technology ICS843242 Datasheet HTML 11Page - Integrated Device Technology ICS843242 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
8
ICS843242AG REV. A OCTOBER 2, 2007
ICS843242
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
APPLICATION INFORMATION
CRYSTAL INPUT INTERFACE
The ICS843242 has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in Figure 2
below were determined using a 31.25MHz or 26.041666MHz
FIGURE 2. CRYSTAL INPUt INTERFACE
18pF parallel resonant crystal and were chosen to minimize
the ppm error.
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS843242 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA, VCCO_A and
V
CCO_B should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance, power
supply isolation is required. Figure 1 illustrates how
a 10
Ω resistor along with a 10μF and a 0.01μF bypass
capacitor should be connected to each V
CCA pin.
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
C1
33p
X1
18pF Parallel Crystal
C2
27p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com