Electronic Components Datasheet Search
  English  ▼

X  

1292332 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1292332
Description  MACX MCR-EX-AP-2REL-2DI-LP-SP - Relay module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1292332 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1292332 Datasheet HTML 1Page - PHOENIX CONTACT 1292332 Datasheet HTML 2Page - PHOENIX CONTACT 1292332 Datasheet HTML 3Page - PHOENIX CONTACT 1292332 Datasheet HTML 4Page - PHOENIX CONTACT 1292332 Datasheet HTML 5Page - PHOENIX CONTACT 1292332 Datasheet HTML 6Page - PHOENIX CONTACT 1292332 Datasheet HTML 7Page - PHOENIX CONTACT 1292332 Datasheet HTML 8Page - PHOENIX CONTACT 1292332 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ex i-Relay module isolates binary Ex i and non Ex i signal and control circuits, and is used for
intrinsically safe activation of Ex i field currents via one changeover contact relay per channel.
number of channels: 2, Standard configuration, Loop-powered, 4-way isolation, Safety Integrity
Level (SIL, IEC 61508): 2, Push-in connection
Commercial data
Item number
1292332
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
C430
Product key
DK121W
GTIN
4063151525453
Weight per piece (including packing)
178.5 g
Weight per piece (excluding packing)
160 g
Customs tariff number
85437090
Country of origin
DE
MACX MCR-EX-AP-2REL-2DI-LP-SP - Relay module
1292332
https://www.phoenixcontact.com/us/products/1292332
Nov 10, 2025, 12:19AM
Page 1 (10)


Similar Part No. - 1292332

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1292331 PHOENIX-1292331 Datasheet
446Kb / 10P
MACX MCR-EX-AP-2REL-2DI-LP - Relay module
1292339 PHOENIX-1292339 Datasheet
196Kb / 4P
MACX MCR-S-MUX-TB-1 - HART transfer board
More results

Similar Description - 1292332

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2924883 PHOENIX-2924883 Datasheet
58Kb / 5P
Signal isolator - MACX MCR-EX-SL-NAM-NAM-SP
103465 PHOENIX-103465 Datasheet
447Kb / 12P
MACX MCR-EX-SL-NAM-2RO(-SP)
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
106034 PHOENIX-106034 Datasheet
438Kb / 16P
MACX MCR-EX-SL-RPSSI-2I(-SP)
103618 PHOENIX-103618 Datasheet
350Kb / 6P
MACX MCR-PTB(-SP)
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2924100 PHOENIX-2924100 Datasheet
116Kb / 7P
Solenoid driver - MACX MCR-EX-SL-SD-21-60-LP-SP
2924113 PHOENIX-2924113 Datasheet
122Kb / 7P
Solenoid driver - MACX MCR-EX-SL-SD-21-25-LP-SP
2924126 PHOENIX-2924126 Datasheet
94Kb / 7P
Solenoid driver - MACX MCR-EX-SL-SD-24-48-LP-SP
2924139 PHOENIX-2924139 Datasheet
118Kb / 8P
Solenoid driver - MACX MCR-EX-SL-SD-21-40-LP-SP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com