Electronic Components Datasheet Search
  English  ▼

X  

1292332 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1292332
Description  MACX MCR-EX-AP-2REL-2DI-LP-SP - Relay module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1292332 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1292332 Datasheet HTML 1Page - PHOENIX CONTACT 1292332 Datasheet HTML 2Page - PHOENIX CONTACT 1292332 Datasheet HTML 3Page - PHOENIX CONTACT 1292332 Datasheet HTML 4Page - PHOENIX CONTACT 1292332 Datasheet HTML 5Page - PHOENIX CONTACT 1292332 Datasheet HTML 6Page - PHOENIX CONTACT 1292332 Datasheet HTML 7Page - PHOENIX CONTACT 1292332 Datasheet HTML 8Page - PHOENIX CONTACT 1292332 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical data
Notes
Notes on operation
Installation conditions influence the ambient temperature.
Please refer to the operating instructions.
Product properties
Product type
Relay Module
Product family
MACX Analog
No. of channels
2
Electrical properties
Electrical isolation
4-way isolation
Electrical isolation between input and output
yes
Electrical isolation Input/output IEC/EN 60079-11
Standards/regulations
IEC/EN 60079-11
Rated insulation voltage
375 VPP
Electrical isolation Input 1 / input 2
Test voltage
350 V (50 Hz, 60 s)
Supply
Supply voltage range
loop-powered, no external supply necessary
Power dissipation
≤ 0.4 W
Input data
Control
Description of the input
Control input, not intrinsically safe
Voltage input signal
12 V ... 31.2 V (Switching signal)
< 25 mA (12 V)
Current consumption
< 17 mA (24 V ... 31.2 V)
Output data
Switching: Relay
Output description
intrinsically safe
Contact switching type
1 changeover contact per channel
Minimum switching voltage
1 V (1 mA)
45 V DC (0.25 A)
30 V DC (4 A)
Maximum switching voltage
45 V AC (4 A, cos  >0.7)
Typical response time
≤ 10 ms
Typical turn-off time
≤ 10 ms
Switching frequency
≤ 15 Hz
MACX MCR-EX-AP-2REL-2DI-LP-SP - Relay module
1292332
https://www.phoenixcontact.com/us/products/1292332
Nov 10, 2025, 12:19AM
Page 2 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com