Electronic Components Datasheet Search
  English  ▼

X  

UCD9244RGCT Datasheet(PDF) 21 Page - Texas Instruments

Part # UCD9244RGCT
Description  Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD9244RGCT Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD9244RGCT Datasheet HTML 17Page - Texas Instruments UCD9244RGCT Datasheet HTML 18Page - Texas Instruments UCD9244RGCT Datasheet HTML 19Page - Texas Instruments UCD9244RGCT Datasheet HTML 20Page - Texas Instruments UCD9244RGCT Datasheet HTML 21Page - Texas Instruments UCD9244RGCT Datasheet HTML 22Page - Texas Instruments UCD9244RGCT Datasheet HTML 23Page - Texas Instruments UCD9244RGCT Datasheet HTML 24Page - Texas Instruments UCD9244RGCT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
P
1
P
2
EA
OUT
R
R
K
R
R
1 K
V
where K
VOUT_SCALE_LOOP
V
=
=
-
=
@
SW
P
1
C2
2
0.35
F
R
=
p ´
´
´
2
1
2
EA
OUT
OFFSET
1
2
1
2
1
2
1
2
EA
EA
R
R R
V
V
I
R R
R R
R
R
R
R
R
R
=
+
æ
ö
æ
ö
+
+
+
+
ç
÷
ç
÷
è
ø
è
ø
UCD9244
www.ti.com
SLVSAL6A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
Voltage Sense Filtering
Conditioning should be provided on the EAP and EAN signals. Figure 12 shows a divider network between the
output voltage and the voltage sense input to the controller. The resistor divider is used to bring the output
voltage within the dynamic range of the controller. When no attenuation is needed, R2 can be left open and the
signal conditioned by the low-pass filter formed by R1 and C2.
As with any power supply system, maximize the accuracy of the output voltage by sensing the voltage directly
across an output capacitor as close to the load as possible. Route the positive and negative differential sense
signals as a balanced pair of traces or as a twisted pair cable back to the controller. Put the divider network close
to the controller. This ensures that there is low impedance driving the differential voltage sense signal from the
voltage rail output back to the controller. The resistance of the divider network is a trade-off between power loss
and minimizing interference susceptibility. A parallel resistance (Rp) of 1kΩ to 4kΩ is a good compromise. Once
RP is chosen, R1 and R2 can be determined from the following formulas.
(2)
It is recommended that a capacitor be placed across the lower resistor of the divider network. This acts as an
additional pole in the compensation and as an anti-alias filter for the EADC. To be effective as an anti-alias filter,
the corner frequency should be 35% to 40% of the switching frequency. Then the capacitor is calculated as:
(3)
To obtain the best possible accuracy, the input resistance and offset current on the device should be considered
when calculating the gain of a voltage divider between the output voltage and the EA sense inputs of the
UCD9244. The input resistance and input offset current are specified in the parametric tables in this datasheet.
VEA = VEAP – VEAN in the equation below.
(4)
The effect of the offset current can be reduced by making the resistance of the divider network low.
Digital Compensator
Each voltage rail controller in the UCD9244 includes a digital compensator. The compensator consists of a
nonlinear gain stage, followed by a digital filter consisting of a second order infinite impulse response (IIR) filter
section cascaded with a first order IIR filter section.
The Texas Instruments Fusion Digital Power
™ Designer development tool can be used to assist in defining the
compensator coefficients. The design tool allows the compensator to be described in terms of the pole
frequencies, zero frequencies and gain desired for the control loop. In addition, the Fusion Digital Power
™
Designer can be used to characterize the power stage so that the compensator coefficients can be chosen based
on the total loop gain for each feedback system. The coefficients of the filter sections are generated through
modeling the power stage and load.
Additionally, the UCD9244 has three banks of filter coefficients: Bank-0 is used during the soft start/stop ramp or
tracking; Bank-1 is used while in regulation mode; and Bank-2 is used when the measured output current is
below the configured light load threshold.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :UCD9244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com