Electronic Components Datasheet Search
  English  ▼

X  

UCD9244RGCT Datasheet(PDF) 4 Page - Texas Instruments

Part # UCD9244RGCT
Description  Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD9244RGCT Datasheet(HTML) 4 Page - Texas Instruments

  UCD9244RGCT Datasheet HTML 1Page - Texas Instruments UCD9244RGCT Datasheet HTML 2Page - Texas Instruments UCD9244RGCT Datasheet HTML 3Page - Texas Instruments UCD9244RGCT Datasheet HTML 4Page - Texas Instruments UCD9244RGCT Datasheet HTML 5Page - Texas Instruments UCD9244RGCT Datasheet HTML 6Page - Texas Instruments UCD9244RGCT Datasheet HTML 7Page - Texas Instruments UCD9244RGCT Datasheet HTML 8Page - Texas Instruments UCD9244RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
UCD9244
SLVSAL6A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DIGITAL INPUTS/OUTPUTS
Dgnd
VOL
Low-level output voltage
IOL = 6 mA
(1), V
33DIO = 3 V
V
+0.25
V33DIO
VOH
High-level output voltage
IOH = -6 mA
(2), V
33DIO = 3 V
V
–0.6V
VIH
High-level input voltage
V33DIO = 3V
2.1
3.6
V
VIL
Low-level input voltage
V33DIO = 3.5 V
1.4
V
SYSTEM PERFORMANCE
VRESET
Voltage where device comes out of reset
V33D Pin
2.3
2.4
V
tRESET
Pulse width needed for reset
nRESET pin
2
µs
Vref commanded to be 1V, at 25
°C AFEgain = 4,
Setpoint Reference Accuracy
–10
10
mV
1V input to EAP/N measured at output of the
EADC(3)
VRefAcc
Setpoint Reference Accuracy over
–40°C to 125°C
–20
20
mV
temperature
AFEgain = 4 compared to
VDiffOffset
Differential offset between gain settings
–4
4
mV
AFEgain = 1, 2, or 8
240 + 1
tDelay
Digital Compensator Delay
240
switching
ns
cycle
FSW
Switching Frequency
15.260
2000
kHz
Accuracy
–5%
5%
Duty
Max and Min Duty Cycle
0%
100%
V33Slew
Minimum V33 slew rate
V33 slew rate between 2.3V and 2.9V
0.25
V/ms
tretention
Retention of configuration parameters
TJ = 25 °C
100
Years
Write_Cycles
Number of nonvolatile erase/write cycles
TJ = 25 °C
20
K cycles
All rails configured to accept VID messages(4)
1
RateVID
Max VID message rate
All rails configured to accept 6-bit VID messages(4)
4
msg/msec
All rails configured to accept 8-bit VID messages(5)
4
(1)
The maximum IOL, for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop specified.
(2)
The maximum IOH, for all outputs combined, should not exceed 48 mA to hold the maximum voltage drop specified.
(3)
With default device calibration. PMBus calibration can be used to improve the regulation tolerance.
(4)
VID message rate on each interface. Measured over a 1.0 msec interval
(5)
VID message rate on PMBus interface.
4
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :UCD9244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com