Electronic Components Datasheet Search
  English  ▼

X  

UCD9244RGCT Datasheet(PDF) 7 Page - Texas Instruments

Part # UCD9244RGCT
Description  Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD9244RGCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD9244RGCT Datasheet HTML 3Page - Texas Instruments UCD9244RGCT Datasheet HTML 4Page - Texas Instruments UCD9244RGCT Datasheet HTML 5Page - Texas Instruments UCD9244RGCT Datasheet HTML 6Page - Texas Instruments UCD9244RGCT Datasheet HTML 7Page - Texas Instruments UCD9244RGCT Datasheet HTML 8Page - Texas Instruments UCD9244RGCT Datasheet HTML 9Page - Texas Instruments UCD9244RGCT Datasheet HTML 10Page - Texas Instruments UCD9244RGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
12-bit
ADC
260 ksps
Osc
ARM-7 core
EAp2
EAn2
CS1A
CS2A
CS3A
CS4A
Temp1/ AuxADC1
Temp2/ AuxADC2
Temp3/ AuxADC3
Temp4/ AuxADC4
V33x
xGnd
Analog Front End
(AFE)
Ref
ADC
6 bit
IIR
3P/3Z
Err
Amp
EAp1
EAn1
Coeff.
Regs
Compensator
Analog Front End
Ref 1
Analog Comparators
OC
DPWM1
PMBus_Clk
PMBus_Data
PMBus_Alert
PMBus_Cntrl
5
6
BPCap
VID1A
VID1B
VID1C
VID1S
VID2A
VID2B
VID2C
VID2S
VID3A
VID3B
VID3C
VID3S
VID4A/JTAG _TCK
VID4B/JTAG _TDO
VID4C/JTAG _TMS
VID4S
VID
1 - 4
Flash
Memory with
ECC
Diff
Amp
Fusion Power Peripheral 2
Fusion Power Peripheral 1
Internal
Temp Sense
3. 3V reg.
controller
& 1.8V
regulator
Ref 2
Digital
High Res
PWM
RCK
OC
DPWM2
nRESET
DPWM2A
FLT 2A
DPWM1A
FLT 1A
Addr0
Addr1
SyncIn /JTAG_TDI
JTAG
PowerGood
GPIO
PMBus
EAp3
EAn3
Analog Front End
(AFE)
Fusion Power Peripheral 3
DPWM3A
FLT 3A
EAp4
EAn4
Analog Front End
(AFE)
Compensator
3P/3Z IIR
Fusion Power Peripheral 4
Digital
High Res
PWM
DPWM4A
FLT 4A
Compensator
3P/3Z IIR
Compensator
3P/3Z IIR
Ref 1
Ref 2
Ref 3
Ref 4
OC
DPWM3
OC
DPWM4
POR/BOR
Digital
High Res
PWM
Digital
High Res
PWM
UCD9244
www.ti.com
SLVSAL6A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
FUNCTIONAL BLOCK DIAGRAM
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :UCD9244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com