Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 116 Page - Texas Instruments

Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001 Datasheet(HTML) 116 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 112Page - Texas Instruments XIO2001 Datasheet HTML 113Page - Texas Instruments XIO2001 Datasheet HTML 114Page - Texas Instruments XIO2001 Datasheet HTML 115Page - Texas Instruments XIO2001 Datasheet HTML 116Page - Texas Instruments XIO2001 Datasheet HTML 117Page - Texas Instruments XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 145 page
background image
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 PCI Bus Interface
The XIO2001 has a 32-bit PCI interface that can operate at 25 MHz, 33 MHz, 50 MHz or 66 MHz. This interface
is compliant with the PCI Local Bus Specification , Revision 2.3 and 3.0. The remainder of this section describes
implementation considerations for the XIO2001 secondary PCI bus interface.
• AD31:0, C/ BE[3:0], PAR, DEVSEL, FRAME, STOP, TRDY, PERR, SERR, and IRDY are required signals
and must be connected to each PCI bus device. The maximum signal loading specification for a 66 MHz bus
is 30 pF and for a 33 MHz bus is 50 pF. PCI bus approved pullup resistors connected to VCCP are needed on
the following terminals: IRDY, TRDY, FRAME, STOP, PERR, SERR, and DEVSEL.
• The XIO2001 supports up to six external PCI bus devices with individual CLKOUT, REQ, and GNT signals.
An internal PCI bus clock generator function provides six low-skew clock outputs. Plus, there are six REQ
inputs and six GNT outputs from the internal PCI bus arbiter. Each PCI bus device connects to one CLKOUT
signal, one REQ signal, and one GNT signal. All three signals are point-to- point connections. Unused
CLKOUT signals can be disabled by asserting the appropriate CLOCK_DISABLE bit in the clock control
register at offset D8h. Unused REQ signals can be disabled using a weak pullup resistor to VCCP. Unused
GNT signals are no connects.
• An external clock feedback feature is provided to de-skew PCI bus clocks. Connecting the CLKOUT[6]
terminal to the CLK terminal is required if any of the other six CLKOUT[5:0] terminals are used to clock PCI
bus devices. The CLKOUT signals should be slightly longer than the longest synchronous PCI bus signal
trace. Figure 9-2 illustrates the external PCI bus clock feedback feature. The use of series resistors on the
seven PCI bus clocks should be considered to reduce circuit board EMI.
Note
There is one exception to this length matching rule associated with connecting a CLKOUT signal to
PCI socket. For this case, the CLKOUT signal connected to a PCI socket should be 2.5 inches
shorter than the other CLKOUT signals.
XIO2001
VCCP
VCCP
PCI Device
PCI Bus
M66EN pullup resistor enables
50/66 MHz by default.
Pulldown used if bus is known
to be 25/33 M z.
H
CLKOUT0
PCLK66_SEL
M66EN
CLK
CLKOUT6
CLKOUT[5:1]
Feedback clock from CLKOUT6
should be slightly longer than
the longest CLK provided to a
downstream device. A 50
dampening resistor can be
used to reduce reflection.
W
Unused PCI clocks can be left
floating and disabled via PCI
Register 0 D4 to reduce
power and noise.
X
When connected to add-in
card slots, 33 MHz cards will
force M66EN to ground to
indicate 33 M z only
operation.
H
When pulled high, standard
33/66 MHz clocks are
provided (based on M66EN).
When pulled low 25/50 MHz
clocks are provided (based on
M66EN).
Figure 9-2. External PCI Bus Clock Configuration
• The XIO2001 has options providing for four different PCI clock frequencies: 25 MHz, 33 MHz, 50 MHz, and
66MHz. The clock frequency provided is determined by the states of the M66EN and PCLK66_SEL terminals
at the de-assertion of PERST.
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
116
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com