Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 118 Page - Texas Instruments

Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001 Datasheet(HTML) 118 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 114Page - Texas Instruments XIO2001 Datasheet HTML 115Page - Texas Instruments XIO2001 Datasheet HTML 116Page - Texas Instruments XIO2001 Datasheet HTML 117Page - Texas Instruments XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 145 page
background image
• PME is an optional PCI bus input terminal to detect power management events from downstream devices.
The PME terminal is operational during both main power states and VAUX states. The PME receiver has
hysteresis and expects an asynchronous input signal. The board design requirements associated with this
PME terminal are the same whether or not the terminal is connected to a downstream device. If the system
includes a VAUX supply, the PME terminal requires a weak pullup resistor connected to VAUX to keep the
terminal from floating. If no VAUX supply is present, the pullup resistor is connected to VDD_33.
• The bridge supports external PCI bus clock sources. If an external clock is a system requirement, the
external clock source is connected to the CLK terminal. The trace length relationship between the
synchronous bus signals and the external clock signals that is previously described is still required to meet
PCI bus setup and hold. For external clock mode, all seven CLKOUT[6:0] terminals can be disabled using the
clock control register at offset D8h. Plus, the XIO2001 clock run feature must be disabled with external PCI
bus clocks because there is no method of turning off external clocks.
Note
If an external clock with a frequency higher than 33 MHz is used, the M66EN terminal must be
pulled up for the XIO2001 to function correctly.
• The XIO2001 supports an external PCI bus arbiter. When PERST is deasserted, the logic state of the
EXT_ARB_EN pin is checked. If an external arbiter is required, EXT_ARB_EN is connected to VDD_33. When
connecting the XIO2001 to an external arbiter, the external arbiter’s REQ signal is connected to the XIO2001
0 GNT output terminal. Likewise, the GNT signal from the external arbiter is connected to the XIO2001 0
REQ input pin. Unused REQ signals on the XIO2001 should be tied together and connected to VCCP through
a pull-up resistor. When in external arbiter mode, all internal XIO2001 port arbitration features are disabled.
Figure 9-3 illustrates the connectivity of an external arbiter.
XIO2001
EXT_ARB_EN
REQ[5:1]
GNT0
REQ0
VCCP
3.3 V
GNTx
GNTy
REQx
REQy
External Arbiter
GNT
REQ
PCI Device
PCI Bus
Figure 9-3. External Arbiter Connections
9.2.1.2.1.1 Bus Parking
Because of the shared bus nature of PCI, it is required that if the bus is idle at a given time that some device on
the bus must drive some signals to stable states. These signals are the address/data lines, the command/byte
enables, and a valid parity. If no devices are requesting use of the bus, it is the responsibility of the arbiter to
assign ownership of the bus so that the bus signals are never floating while in idle states.
If the XIO2001 internal arbiter is enabled then there are two modes supported for bus parking. The default mode
for bus parking is for the arbiter to continue to assert GNT for the last bus master. In this mode once a device
has completed its transaction, the arbiter will continue to assert the GNT for that bus master and that device is
required to drive a stable pattern onto the required signals. This will continue until another device requests use
of the bus resulting in the arbiter removing GNT from the current bus owner grants it to the new requestor.
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
118
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com