| Electronic Components Datasheet Search |
|
XIO2001 Datasheet(PDF) 121 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2001 Datasheet(HTML) 121 Page - Texas Instruments |
|
121 / 145 page ![]() Table 9-1. IRQ Interrupt to MSI Message Mapping IRQ INTERRUPT 1 MESSAGE ENABLED 2 MESSAGES ENABLED 4 MESSAGES ENABLED 8 MESSAGES ENABLED 16 MESSAGES ENABLED IRQ0 MSI MSG #0 MSI MSG #0 MSI MSG #0 MSI MSG #0 MSI MSG #0 IRQ1 MSI MSG #0 MSI MSG #1 MSI MSG #1 MSI MSG #1 MSI MSG #1 IRQ2 MSI MSG #0 MSI MSG #0 MSI MSG #2 MSI MSG #2 MSI MSG #2 IRQ3 MSI MSG #0 MSI MSG #1 MSI MSG #3 MSI MSG #3 MSI MSG #3 IRQ4 MSI MSG #0 MSI MSG #0 MSI MSG #0 MSI MSG #4 MSI MSG #4 IRQ5 MSI MSG #0 MSI MSG #1 MSI MSG #1 MSI MSG #5 MSI MSG #5 IRQ6 MSI MSG #0 MSI MSG #0 MSI MSG #2 MSI MSG #6 MSI MSG #6 IRQ7 MSI MSG #0 MSI MSG #1 MSI MSG #3 MSI MSG #7 MSI MSG #7 IRQ8 MSI MSG #0 MSI MSG #0 MSI MSG #0 MSI MSG #0 MSI MSG #8 IRQ9 MSI MSG #0 MSI MSG #1 MSI MSG #1 MSI MSG #1 MSI MSG #9 IRQ10 MSI MSG #0 MSI MSG #0 MSI MSG #2 MSI MSG #2 MSI MSG #10 IRQ11 MSI MSG #0 MSI MSG #1 MSI MSG #3 MSI MSG #3 MSI MSG #11 IRQ12 MSI MSG #0 MSI MSG #0 MSI MSG #0 MSI MSG #4 MSI MSG #12 IRQ13 MSI MSG #0 MSI MSG #1 MSI MSG #1 MSI MSG #5 MSI MSG #13 IRQ14 MSI MSG #0 MSI MSG #0 MSI MSG #2 MSI MSG #6 MSI MSG #14 IRQ15 MSI MSG #0 MSI MSG #1 MSI MSG #3 MSI MSG #7 MSI MSG #15 The MSI message format is compatible with the PCI Express request header format for 32-bit and 64-bit memory write transactions. The system message and message number fields are included in bytes 0 and 1 of the data payload. 9.2.1.2.1.7 PCI Bus Clocks The bridge has seven PCI bus clock outputs and one PCI bus clock input. Up to six PCI bus devices are supported by the bridge. Terminal PCLK66_SEL selects the default operating frequency. This signal works in conjunction with terminal M66EN to determine the final output frequency. When PCLK66_SEL is asserted high then the clock frequency will be either 66-MHz or 33-MHz depending on the state of M66EN. When M66EN is asserted high then the clock frequency will be 66-MHz, when M66EN is de-asserted the clock frequency will be 33-MHz. When PCLK66_SEL is de-asserted then the clock frequency will be either 50-MHz or 25-MHz. When M66EN is asserted high then the clock frequency will be 50-MHz, when M66EN is de-asserted the clock frequency will be 25-MHz. The clock control register at offset D8h provides 7 control bits to individually enable or disable each PCI bus clock output (see Section 8.4.67). The register default is enabled for all 7 outputs. The PCI bus clock (CLK) input provides the clock to the internal PCI bus core and serial IRQ core. When the internal PCI bus clock source is selected, PCI bus clock output 6 (CLKOUT6) is connected to the PCI bus clock input (CLK). When an external PCI bus clock source is selected, the external clock source is connected to the PCI bus clock input (CLK). For external clock mode, all seven CLKOUT6:0 terminals must be disabled using the clock control register at offset D8h (see Section 8.4.67). www.ti.com XIO2001 SCPS212J – MAY 2009 – REVISED JANUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 121 Product Folder Links: XIO2001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |