Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 124 Page - Texas Instruments

Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001 Datasheet(HTML) 124 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments XIO2001 Datasheet HTML 123Page - Texas Instruments XIO2001 Datasheet HTML 124Page - Texas Instruments XIO2001 Datasheet HTML 125Page - Texas Instruments XIO2001 Datasheet HTML 126Page - Texas Instruments XIO2001 Datasheet HTML 127Page - Texas Instruments XIO2001 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 145 page
background image
9.2.5.2 Detailed Design Procedure
See previous Section 9.2.1.2.
9.3 Layout
9.3.1 Layout Guidelines
In motherboard designs there is an additional clock delay on the PCI add-in cards. In order to make the overall
lengths of the PCI Clock Signals be the same, a rule has been made, which states that the length of the Clock
Signal will be fixed to 2.5" on PCI add-in cards. The motherboard design requires that the length of the Clock
Signal going to the PCI add-in slots will be less by 2.5" in comparison with the other Clock Signals that do not go
to a PCI add-in slot. With the PCI add-in cards inserted, the Clock Signals lengths match. In a design where
there is no add-in slot, the length of the PCI Clock Signals should match. A typical embedded system has all PCI
devices on the board itself. In such case, the lengths of clock nets should match.
There is no matching requirement on the length of the Address/Data signals with respect to Clock Signal,
though, there is a limitation on the maximum length of the Address/Data signal length depending upon the PCI
Bus speed. The length matching of clock signals in PCI bus is not very critical. It is however, often, not too
difficult to match it within 100 mils. The PCI Clock Signals should be slightly longer than the longest trace on the
PCI bus. When 100 mil recommendations become impractical due to board space constraints, this can be
relaxed up to a recommended maximum of 250 mils.
All 32 bit PCI slots must be placed so the slot can be put on the board as either a 3 V or a 5 V slot. All pins used
as keying pins (A12, A13, A50, A51, B12,B13, B50, B51) should be put on the board and connected to the GND
plane. Mounting holes must be placed on either side of the socket.
(CTXn + TXn) and (CTXp + TXp) are a 100 W differential impedance pair (50 W single ended) and must be
length matched to within 5 mils. i.e. CTXp must be within 5 mils of CTXn, TXp must be within 5 mils of TXn, and
(CTXp + TXp) must be within 5 mils of (CTXn + TXn). The coupling capacitors must be placed as close to the
PCI Express Edge connector as possible.
RXp and RXn are a 100 W differential impedance pair (50 W single ended) and must be length matched to
within 5 mils.
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
124
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com