Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 31 Page - Texas Instruments

Part # THS4521
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 31 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
625 kΩ
625 kΩ
V
S+
V
S
–
Internal
V
OCM Circuit
I
EXT
V
OCM
(
)
OCM
S+
S-
EXT
2V
V
V
I
1.25 MΩ
-
-
=
æ
ö æ
ö
´
+
´
ç
÷ ç
÷
+
+
è
ø è
ø
G
F
OUT+
IN-
G
F
G
F
R
R
V
V
R
R
R
R
31
THS4531
www.ti.com
SLOS358C – SEPTEMBER 2011 – REVISED APRIL 2020
Product Folder Links: THS4531
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Application Circuits (continued)
9.2.4 Input Common-Mode Voltage Range
The input common-model voltage of a fully differential op amp is the voltage at the + and – input pins of the op
amp.
It is important to not violate the input common-mode voltage range (VICR) of the op amp. Assuming the op amp is
in linear operation the voltage across the input pins is only a few millivolts at most. So finding the voltage at one
input pin will determine the input common-mode voltage of the op amp.
Treating the negative input as a summing node, the voltage is given by:
(1)
To determine the VICR of the op amp, the voltage at the negative input is evaluated at the extremes of VOUT+.
As the gain of the op amp increases, the input common-mode voltage becomes closer and closer to the input
common-mode voltage of the source.
9.2.5 Setting the Output Common-Mode Voltage
The output common-model voltage is set by the voltage at the VOCM pin and the internal circuit works to maintain
the output common-mode voltage as close as possible to this voltage. If left unconnected, the output common-
mode is set to mid-supply by internal circuitry, which may be over-driven from an external source. Figure 76 is
representative of the VOCM input. The internal VOCM circuit has about 24 MHz of -3 dB bandwidth, which is
required for best performance, but it is intended to be a DC bias input pin. Bypass capacitors are recommended
on this pin to reduce noise. The external current required to overdrive the internal resistor divider is given
approximately by the formula:
(2)
where VOCM is the voltage applied to the VOCM pin.
Figure 76. Simplified VOCM Input Circuit
9.2.6 Single-Supply Operation
To facilitate testing with common lab equipment, the THS4531 EVM is built to allow for split-supply operation and
most of the data presented in this data sheet was taken with split-supply power inputs. But the device is
designed for use with single-supply power operation and can easily be used with single-supply power without
degrading the performance. The only requirement is to bias the device properly and the specifications in this data
sheet are given for single supply operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com