Electronic Components Datasheet Search
  English  ▼

X  

SAP51 Datasheet(PDF) 24 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51 Datasheet(HTML) 24 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51 Datasheet HTML 20Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 21Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 22Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 23Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 24Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 25Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 26Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 27Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 28Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
24 of 62
Table 9: SAP5 E²PROM - User and Firmware Area Content
Internal
E²PROM
Address
Bit
Position
E²PROM Cell Content
Description
0
4 … 0
A4 … A0
Slave address
1
2 … 0
ID1_Bit2 … ID1_Bit0
ID_Code_Extension_1 (user configurable)
3
ID1_Bit3
ID_Code_Extension_1, A/B slave selection in extended
address mode
4
Not implemented
2
3 … 0
ID1_Bit3 … ID1_Bit0
ID_Code_Extension_1 (manufacturer configurable)
4
Not implemented
3
4 … 0
Not implemented
4
Synchronous_Data_IO
Synchronized Data I/O mode
4
3 … 0
ID_Bit3 … ID_Bit0
ID_Code
4
Inhibit_Write_ID1
ID_Code_Extension_1 is manufacturer configurable,
refer to page 47
5
3 … 0
ID2_Bit3 … ID2_Bit0
ID_Code_Extension_2
4
P1_Delay_Activation
If flag is set, the logic value at the parameter pin P1
determines whether the Delay_Mode function is active
or inactive, refer to Table 22
6
0 … 3
IO_Bit3 … IO_Bit0
IO_Code
4
Lock_EE_PRG
Programming of the E²PROM Firmware region is
possible as long as this flag is not set (logic LOW).
3
Delay_Mode
activates the Delay_Mode function, refer to Table 22
2
Invert_Data_In
All Data Port inputs are inverted.
1
Inhibit_BR01
If flag is set, the master call BR01 is not executed.
7
0
Inhibit_Watchdog
If flag is set, the watchdog is not activated.
4
P2_Sync_Activation
The Synchronized Data I/O mode may be activated by
Parameter bit P2 as described in Table 23 on page 36.
3
Ext_Addr_4I/4O_Mode
4 Input/ 4 Output Mode in Extended Address Mode
2
Parallel_Out_4I/4O
enables the parallel data output option in Extended
Address 4I/4O Mode
1
Master_Mode
Master/Repeater Mode Flag
8
0
P0_Watchdog_Activation The watchdog can be enabled/disabled by the logic
value at the parameter pin P0.
9
10
11
4 … 0
Analogue circuitry trim information
User Area
Firmware Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com