Electronic Components Datasheet Search
  English  ▼

X  

SAP51 Datasheet(PDF) 12 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51 Datasheet(HTML) 12 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
12 of 62
1.7. Package Pin Assignment
Table 4: SAP5 Pin List
SOIC 20
Pin #
SOIC 16
pin #
Name
Direction
Type
Description
1
-
P1
I/O
Pull-up/ Open Drain (*)
Parameter port P1 / Data
input port 1 at IO-config = 7
2
-
P0
I/O
Pull-up/ Open Drain (*)
Parameter port P0 / Data
input port 0 at IO-config = 7
3
1
D1
I/O
Pull-up/ Open Drain
Data port D2
4
2
D0
I/O
Pull-up/ Open Drain
Data port D0
5
3
DSTBn
I/O
Pull-up/ Open Drain
Data Strobe output / Reset
input
6
4
LED1
OUT
Open Drain
LED 1 Status Indication
7
5
OSC2
OUT
Analog (5V)
Crystal oscillator
8
6
OSC1
IN
Analog/ CMOS
Crystal oscillator / External
clock input
9
7
U5R
OUT
Analog
Regulated 5V power supply
10
8
LTGN
IN
Analog/Supply
AS-i
Transmitter/Receiver
output, to be connected to
AS-i-
11
9
LTGP
IN
Analog/Supply
AS-i
Transmitter/Receiver
input, to be connected to AS-
i+
via
reverse
polarity
protection diode
12
10
CDC
OUT
Analog
external buffer capacitor
13
11
UOUT
OUT
Analog
decoupled
actuator/sensor
power supply
14
12
PFAULT
IN
Pull-up
Periphery Fault input (LOW =
Periphery Fault)
15
13
LED2
OUT
Open Drain
LED 2 status indication
16
14
PSTBnBn
I/O
Pull-up/ Open Drain
Parameter Strobe output
17
15
D3
I/O
Pull-up/ Open Drain
Data port D3
18
16
D2
I/O
Pull-up/ Open Drain
Data port D2
19
-
P3
I/O
Pull-up/ Open Drain (*)
Parameter port P3 / Data
input port 3 at IO-config = 7
20
-
P2
I/O
Pull-up/ Open Drain (*)
Parameter port P2 / Data
input port 2 at IO-config = 7
All open drain outputs are NMOS based. Pull-up properties at input stages are achieved by current sources
referring to U5R.
(*) The pull-up current source on these parameter ports is switched off if the slave device is programmed with
I/O configuration code 7 and a DEXG master call is processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com