Electronic Components Datasheet Search
  English  ▼

X  

SAP51 Datasheet(PDF) 62 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51 Datasheet(HTML) 62 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51 Datasheet HTML 54Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 55Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 56Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 57Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 58Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 59Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 60Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 61Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 62Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 62 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
62 of 62
7
Ordering Information
Ordering Code
Operating
Temperature
Range
Package Type
RoHS
Conform
Packaging
Minimum
Order Quantity
SAP5SD-A-G1-T
1)
SAP51D-A-G1-T
2)
-25°C to +85°C
SOP20 / 300 mil
Y
Tubes
(37 parts/tube)
370 pcs.
(10 tubes)
SAP5SD-A-G1-R
1)
SAP51D-A-G1-R
2)
-25°C to +85°C
SOP20 / 300 mil
Y
Tape & Reel
(1000 parts/reel)
1000 pcs.
(one reel)
SAP5SD-B-G1-T
1)
SAP51D-B-G1-T
2)
-25°C to +85°C
SOP16 / 300 mil
Y
Tubes
(46 parts/tube)
460 pcs.
(10 tubes)
SAP5SD-B-G1-R
1)
SAP51D-B-G1-R
2)
-25°C to +85°C
SOP16 / 300 mil
Y
Tape & Reel
(1000 parts/reel)
1000 pcs.
(one reel)
1)
Full safety mode: Full featured SAP5 IC, no IC functions are blocked by E²PROM programming. IC is user
programmable to operate in Slave Mode, Master Mode and Safety Mode
2)
Without safety mode: SAP5 IC with functional compliance to SAP4.1 IC + features according to AS-I Complete Spec v3.0.
AS-I Safety option is disabled by an E²PROM flag that is not accessible for users
.
Example: SAP5
SAP5 SD-A-G1-T
Design Revision:
D:
3rd revision*
Package Type:
14: SOP14
16: SOP16
Delivery Form:
T:
Tube
R:
Tape & Reel
Product Version:
S:
Safety
1:
Standard
Package Material:
G1: „green“ plastic package with
lead-free terminals, pure Sn
* Current design revision; other design revisions are currently not available.
Not all product versions are available - please see the next page or ask ZMDI for the required ones.
For the current revision of this document and for additional product information please look at www.zmdi.com.
Sales and Further Information
www.zmdi.com
asi@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korean Office
POSCO Centre Building
West Tower, 11th Floor
892 Daechi, 4-Dong,
Kangnam-Gu
Seoul, 135-777
Korea
Phone +49.351.8822.7274
Fax
+49.351.8822.87274
Phone +855-ASK-ZMDI
(+855.275.9634)
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.2.559.0660
Fax
+82.2.559.0700
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However,
under no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature
whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer,
licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of the
furnishing, performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com