Electronic Components Datasheet Search
  English  ▼

X  

TLV70231DBVT.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV70231DBVT.A
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV70231DBVT.A Datasheet(HTML) 2 Page - Texas Instruments

  TLV70231DBVT.A Datasheet HTML 1Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 2Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 3Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 4Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 5Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 6Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 7Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 8Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TLV702
SLVSAG6D – SEPTEMBER 2010 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLV702
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 6
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagrams ..................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Application .................................................. 13
9
Power Supply Recommendations ...................... 15
9.1
Power Dissipation ................................................... 15
10
Layout................................................................... 15
10.1
Layout Guidelines ................................................. 15
10.2
Layout Examples................................................... 16
11
Device and Documentation Support ................. 17
11.1
Device Support .................................................... 17
11.2
Documentation Support ........................................ 17
11.3
Receiving Notification of Documentation Updates 17
11.4
Community Resources.......................................... 17
11.5
Trademarks ........................................................... 17
11.6
Electrostatic Discharge Caution ............................ 17
11.7
Glossary ................................................................ 18
12
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2015) to Revision D
Page
•
Changed OUT pin number from 5 to 3 in WSON column of Pin Functions table .................................................................. 3
•
Added footnote to maximum EN voltage specification .......................................................................................................... 4
•
Added parameter names to Recommended Operating Conditions table............................................................................... 4
Changes from Revision B (February 2011) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Changed Pin Configuration and Functions section; updated table format ............................................................................ 3
•
Deleted Ordering Information table ....................................................................................................................................... 3
•
Changed "free-air temperature" to "junction temperature" in Absolute Maximum Ratings condition statement ................... 4
•
Changed Thermal Information table; updated thermal resistance values for all packages .................................................. 4
•
Deleted Dissipation Ratings table .......................................................................................................................................... 4
•
Changed VDO dropout voltage test conditions; deleted IOUT = 50 mA and IOUT = 100 mA with VOUT = 2.8 V test
parameters ............................................................................................................................................................................. 5
•
Deleted EVM Dissipation Ratings table ............................................................................................................................... 16
Changes from Revision A (October 2010) to Revision B
Page
•
Added SON-6 (DSE) package and related references to data sheet..................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com