Electronic Components Datasheet Search
  English  ▼

X  

TLV70231DBVT.A Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV70231DBVT.A
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV70231DBVT.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV70231DBVT.A Datasheet HTML 4Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 5Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 6Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 7Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 8Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 9Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 10Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 11Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
10
s/div
m
V
OUT
I
OUT
50mA
0mA
t =t =1
s
R
F
m
V
OUT =1.8V
10
s/div
m
V
OUT
300 mA
0 mA
t
= t =
s
R
F
m
1
I
OUT
V
OUT
= 1.8 V
10
s/div
m
V
OUT
I
OUT
200mA
0mA
t =t =1
s
R
F
m
V
OUT =1.8V
10
s/div
m
V
OUT
V
OUT =1.8V
I
OUT
10mA
0mA
t =t =1
s
R
F
m
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
InputVoltage(V)
80
70
60
50
40
30
20
10
0
10kHz
100kHz
1kHz
V
=1.8V
OUT
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
V
=1.8V
OUT
I
=10mA
C
=C
=1 F
OUT
IN
OUT
m
8
TLV702
SLVSAG6D – SEPTEMBER 2010 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLV702
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V, whichever is greater; IOUT = 10 mA,
VEN = VIN, COUT = 1 μF, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 13. Power-Supply Ripple Rejection vs Input Voltage
Figure 14. Output Spectral Noise Density vs Frequency
Figure 15. Load Transient Response
Figure 16. Load Transient Response
Figure 17. Load Transient Response
Figure 18. Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com