Electronic Components Datasheet Search
  English  ▼

X  

TLV70231DBVT.A Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV70231DBVT.A
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV70231DBVT.A Datasheet(HTML) 1 Page - Texas Instruments

  TLV70231DBVT.A Datasheet HTML 1Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 2Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 3Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 4Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 5Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 6Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 7Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 8Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TLV702xx
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV702
SLVSAG6D – SEPTEMBER 2010 – REVISED JULY 2019
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
1
1 Features
1
•
Very Low Dropout:
–
37 mV at IOUT = 50 mA, VOUT = 2.8 V
–
75 mV at IOUT = 100 mA, VOUT = 2.8 V
–
220mV at IOUT = 300 mA, VOUT = 2.8 V
•
2% Accuracy
•
Low IQ: 35 μA
•
Fixed-Output Voltage Combinations Possible from
1.2 V to 4.8 V
•
High PSRR: 68 dB at 1 kHz
•
Stable With Effective Capacitance of 0.1 μF
(1)
•
Thermal Shutdown and Overcurrent Protection
•
Packages: 5-Pin SOT-23 and 1.5-mm × 1.5-mm,
6-Pin WSON
(1)
See the Input and Output Capacitor Requirements in
Application Information.
2 Applications
•
Wireless Handsets
•
Smart Phones
•
ZigBee® Networks
•
Bluetooth® Devices
•
Li-Ion Battery-Operated Handheld Products
•
WLAN and Other PC Add-on Cards
3 Description
The TLV702 series of low-dropout (LDO) linear
regulators are low quiescent current devices with
excellent line and load transient performance. These
LDOs are designed for power-sensitive applications.
A precision bandgap and error amplifier provides
overall 2% accuracy. Low output noise, very high
power-supply rejection ratio (PSRR), and low-dropout
voltage make this series of devices ideal for a wide
selection of battery-operated handheld equipment. All
device versions have thermal shutdown and current
limit for safety.
Furthermore, these devices are stable with an
effective output capacitance of only 0.1 μF. This
feature enables the use of cost-effective capacitors
that have higher bias voltages and temperature
derating. The devices regulate to specified accuracy
with no output load.
The TLV702P series also provides an active pulldown
circuit to quickly discharge the outputs.
The TLV702 series of LDO linear regulators are
available in SOT23-5 and 1.5-mm × 1.5-mm WSON-6
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV702
SOT-23 (5)
2.90 mm × 1.60 mm
WSON (6)
1.50 mm × 1.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - TLV70231DBVT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70231DBVT.A TI2-TLV70231DBVT.A Datasheet
892Kb / 37P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
REVISED JULY 2019
More results

Similar Description - TLV70231DBVT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI-TLV702 Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702P TI-TLV702P Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV704 TI-TLV704 Datasheet
890Kb / 22P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI-TLV702-Q1_15 Datasheet
953Kb / 25P
TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702_016 TI1-TLV702_016 Datasheet
1Mb / 32P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com