Electronic Components Datasheet Search
  English  ▼

X  

STTH3L06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH3L06-Y
Description  Automotive 3 A - 600 V turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH3L06-Y Datasheet HTML 1Page - STMicroelectronics STTH3L06-Y Datasheet HTML 2Page - STMicroelectronics STTH3L06-Y Datasheet HTML 3Page - STMicroelectronics STTH3L06-Y Datasheet HTML 4Page - STMicroelectronics STTH3L06-Y Datasheet HTML 5Page - STMicroelectronics STTH3L06-Y Datasheet HTML 6Page - STMicroelectronics STTH3L06-Y Datasheet HTML 7Page - STMicroelectronics STTH3L06-Y Datasheet HTML 8Page - STMicroelectronics STTH3L06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
AEC-Q101 qualified
•
Ultrafast recovery
•
Low switching losses
•
High surge capability
•
Low leakage current
•
High junction temperature
•
ECOPACK2 or ECOPACK3 compliant component on demand
•
VRRM guaranteed from -40 to +175 °C
Description
The STTH3L06-Y is an ultrafast recovery power rectifier dedicated to energy
recovery in automotive application housed in SMB Flat to improve space saving.
It is especially designed for clamping function in energy recovery block.
The compromise between forward voltage drop and recovery time offers optimized
performances.
SMB Flat
SMB Flat
Wettable leads
Product status link
STTH3L06-Y
Product summary
IF(AV)
3 A
VRRM
600 V
Tj (max.)
175 °C
VF (typ.)
0.9 V
Trr (typ.)
50 ns
Automotive 3 A - 600 V turbo 2 ultrafast rectifier
STTH3L06-Y
Datasheet
DS10493 - Rev 2 - April 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH3L06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
More results

Similar Description - STTH3L06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
Automotive turbo 2 ultrafast high voltage rectifier
20-Nov-2018
STTH1R06AFY STMICROELECTRONICS-STTH1R06AFY Datasheet
215Kb / 10P
Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
December 2018 Rev 2
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
STTH1R06AF STMICROELECTRONICS-STTH1R06AF Datasheet
258Kb / 9P
600 V, 1 A, turbo 2 ultrafast rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com