Electronic Components Datasheet Search
  English  ▼

X  

STTH3L06-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH3L06-Y
Description  Automotive 3 A - 600 V turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH3L06-Y Datasheet HTML 1Page - STMicroelectronics STTH3L06-Y Datasheet HTML 2Page - STMicroelectronics STTH3L06-Y Datasheet HTML 3Page - STMicroelectronics STTH3L06-Y Datasheet HTML 4Page - STMicroelectronics STTH3L06-Y Datasheet HTML 5Page - STMicroelectronics STTH3L06-Y Datasheet HTML 6Page - STMicroelectronics STTH3L06-Y Datasheet HTML 7Page - STMicroelectronics STTH3L06-Y Datasheet HTML 8Page - STMicroelectronics STTH3L06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.1
Electrical characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
PF(AV)(W)
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
δ
δ = 1
δ = 0.5
= 0.05 δ = 0.1
δ = 0.2
T
tp
δ =tp/T
IF(AV)(A)
Figure 2. Forward voltage drop versus forward current
(typical values)
IF(A)
0.01
0.10
1.00
10.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj = 150°C
Tj = 25°C
F
V (V)
Figure 3. Forward voltage drop versus forward current
(maximum values)
IF(A)
0.01
0.10
1.00
10.00
0.0
0.4
0.2
0.8
0.6
1.2
1.0
1.6
1.4
1.8
Tj = 25°C
Tj = 150°C
F
V (V)
Figure 4. Relative variation of thermal impedance junction
to lead versus pulse duration
Zth(j- ) /Rth(j-
l
l )
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
E-02
1.
1.E-01
1.E+00
E+01
1.
Single pulse
tp(s)
Figure 5. Peak reverse recovery current versus dIF/dt
(typical values)
RM
I
(A)
0
2
4
6
8
10
12
14
16
18
20
0
100
50
150
200
250
300
350
400
450
500
= 400 V
VR
Tj = 125 °C
IF = 0.25 x I (av)
F
I = 0.5 x I
F
F(av)
I = I
F
F(av)
I = 2 x I
F
F(av)
dIF/dt A/µ
(
s)
Figure 6. Reverse recovery time versus dIF/dt (typical
values)
RR
t
n
(
)
s
0
100
200
300
400
500
600
700
0
20
40
60
80
100
120
140
160
180
200
dIF/dt A/µ
(
s)
= 400 V
VR
Tj = 125 °C
I = 2 x I
F
F(av)
IF = IF(av)
0.5 x
IF =
I (av)
F
STTH3L06-Y
Electrical characteristics (curves)
DS10493 - Rev 2
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com