Electronic Components Datasheet Search
  English  ▼

X  

STTH3L06-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH3L06-Y
Description  Automotive 3 A - 600 V turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STTH3L06-Y Datasheet HTML 1Page - STMicroelectronics STTH3L06-Y Datasheet HTML 2Page - STMicroelectronics STTH3L06-Y Datasheet HTML 3Page - STMicroelectronics STTH3L06-Y Datasheet HTML 4Page - STMicroelectronics STTH3L06-Y Datasheet HTML 5Page - STMicroelectronics STTH3L06-Y Datasheet HTML 6Page - STMicroelectronics STTH3L06-Y Datasheet HTML 7Page - STMicroelectronics STTH3L06-Y Datasheet HTML 8Page - STMicroelectronics STTH3L06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at Tj= 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage, Tj = -40 to +175 °C
600
V
IF(AV)
Average forward current
TL = 110 °C δ = 0.5
3
A
IFSM
Forward surge current
tp = 10 ms
30
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj(1)
Operating temperature range
-40 to + 175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
16
°C/W
Table 3. Static electrical characteristic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
3
µA
Tj = 125 °C
-
15
100
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 3 A
-
1.4
V
Tj = 150 °C
-
0.9
1.15
1. Pulsetest: tp = 5 ms, δ < 2%
2. Pulsetest: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.95 x IF(AV) + 0.067 IF²(RMS)
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C IF = 1 A; dIF/dt = -50 A/µs; VR = 30 V
-
50
70
ns
tfr
Forward recovery time
Tj = 25 °C IF = 3 A; dIF/dt = 100 A/µs; VFR = 1.6 V
-
130
VFP
Forward recovery voltage
-
5
V
STTH3L06-Y
Characteristics
DS10493 - Rev 2
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com