Electronic Components Datasheet Search
  English  ▼

X  

AH18809 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AH18809
Description  ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AH18809 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AH18809 Datasheet HTML 1Page - Panasonic Semiconductor AH18809 Datasheet HTML 2Page - Panasonic Semiconductor AH18809 Datasheet HTML 3Page - Panasonic Semiconductor AH18809 Datasheet HTML 4Page - Panasonic Semiconductor AH18809 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AH1
3
ds_62003_0102_en_ah1: 010314J
SPECIFICATIONS
1. Contact rating (resistive load)
2. Characteristics
3. Operating characteristics
1) Pin plunger
2) Hinge lever
3) Simulated roller lever
Standard rating
Minimum rating
Standard type
(AgNi alloy contact)
OF 0.74N
1A 125V AC, 1A 30V DC
—
OF 1.47N
3A 125V AC, 2A 30V DC
—
Low-level circuit type
0.1A 125V AC, 0.1A 30V DC
5mA 6V DC, 2mA 12V DC, 1mA 24V DC
Contact arrangement
Standard type
Low-level circuit type
Expected life (min. operations)
Electrical (at rated load, 20 cpm) (O.T.: Max.)
3
 104
105
Expected life (min. operations)
Mechanical (at 60 cpm) (O.T.: Specified value)
O.F. 0.74 N: 106
O.F. 1.47 N: 5
 105
Dielectric strength (initial)
Between terminals
Between terminals and other exposed parts
Between terminals and ground
600 Vrms for 1 min.
1,500 Vrms for 1 min.
1,500 Vrms for 1 min.
Insulation resistance (min. at 500V DC)
100 M
Initial Contact resistance
Max. 30 m
(by voltage drop, 1A 6 to 8V DC)
Max. 100 m
(by voltage drop, 0.1A 6 to 8V DC)
Allowable operating speed (no load)
1 to 500 mm/s
Max. operating cycle rate (no load)
120 cpm
Ambient temperature
–25 to +85
C (not freezing below 0C)
Shock resistance (pin plunger type)
Min. 294 m/s2 (contact opening: Max. 1ms)
Vibration resistance (pin pluger type)
10 to 55 Hz at single amplitude of 0.75mm (contact opening: max. 1ms)
3rd digit of
part no.
Operating force,
max.
Release force,
min.
Pretravel, max.
mm
Movement
differential, max.
mm
Overtravel,
min. mm
Operating position mm
6
0.47 N
0.20 N
0.5
0.12
0.25
7
0.3
(distance from stand off)
5.5
0.2
(distance from mounting hole)
8
0.74 N
0.098 N
7
0.3
(distance from stand off)
5.5
0.2
(distance from mounting hole)
3rd digit of
part no.
Operating force,
max.
Release force,
min.
Pretravel, max.
mm
Movement
differential, max.
mm
Overtravel,
min. mm
Operating position mm
6
0.49 N
0.049 N
2.1
0.5
0.55
8.3
1.2
(distance from stand off)
6.8
1.0
(distance from mounting hole)
8
0.25 N
0.025 N
8.3
1.2
(distance from stand off)
6.8
1.0
(distance from mounting hole)
3rd digit of
part no.
Operating force,
max.
Release force,
min.
Pretravel, max.
mm
Movement
differential, max.
mm
Overtravel,
min. mm
Operating position mm
6
0.54 N
0.039 N
2.1
0.5
0.5
11.0
1.2
(distance from stand off)
9.5
1.0
(distance from mounting hole)
8
0.26 N
0.020 N
11.0
1.2
(distance from stand off)
9.5
1.0
(distance from mounting hole)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com