Electronic Components Datasheet Search
  English  ▼

X  

AH18809 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AH18809
Description  ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AH18809 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AH18809 Datasheet HTML 1Page - Panasonic Semiconductor AH18809 Datasheet HTML 2Page - Panasonic Semiconductor AH18809 Datasheet HTML 3Page - Panasonic Semiconductor AH18809 Datasheet HTML 4Page - Panasonic Semiconductor AH18809 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AH1
4
ds_62003_0102_en_ah1: 010314J
DIMENSIONS
DATA
Gold-clad type
Range of low-level current voltage
500
100
50
10
5
2
1
4
8
12
16
20
24
DC voltage (V)
CONTACT ARRANGEMENT
COM
NO
NC
Interested in CAD data? You can obtain CAD data for all products with a
mark from your local Panasonic Electric Works representative.
CAD Data
mm
1. Self-standing PC board terminal (standard type)
Pin plunger
CAD Data
(P.T.)
0.5 max.
1
6-C0.3
5.40.3
50.15
1.50.1
5.080.15
5.080.15
1.10.12
1.10.12
1.250.12
60.15
12.80.15
6.50.1
(O.P.)
5.50.2
(O.P.)
70.3
2.8
0.9
4
1.6
t=0.4
2.2 0
+0.12
2 0
+0.12dia.
2 0
+0.12
PC board pattern
Pretravel, max. mm
0.5
Movement differential, max. mm
0.12
Overtravel, min. mm
0.25
Operating
position
Distance from mounting
hole, mm
5.5
0.2
Distance from standoff,
mm
7
0.3
5.080.1
5.080.1
3-1.20.05 dia.
Hinge lever
CAD Data
(P.T.)
2.1 max.
(O.P.)
6.81.0
(O.P.)
8.31.2
4.4
1.50.12
1.10.12
1.250.12
60.15
4
1.6
t=0.4
6-C0.3
5.080.15
5.080.15
12.80.15
6.50.1
0.9
2.2 0
+0.12
2 0
+0.12dia.
50.15
1.50.1
2 0
+0.12
PC board pattern
Pretravel, max. mm
2.1
Movement differential, max. mm
0.5
Overtravel, min. mm
0.5
Operating
position
Distance from mounting
hole, mm
6.8
1.0
Distance from standoff,
mm
8.3
1.2
5.080.1
5.080.1
3-1.20.05 dia.
Simulated roller lever
CAD Data
(P.T.)
2.1 max.
2.5 to 2.7 R
(O.P.)
9.51.0
5.40.3
3.30.4
111.2
1.50.12
1.10.12
1.250.12
60.15
t=0.4
6-C0.3
5.080.15
5.080.15
12.80.15
6.50.1
0.9
2.2 0
+0.12
2 0
+0.12 dia.
50.15
1.50.1
2 0
+0.12
0.5 R
PC board pattern
Pretravel, max. mm
2.1
Movement differential, max. mm
0.5
Overtravel, min. mm
0.5
Operating
position
Distance from mounting
hole, mm
9.5
1.0
Distance from standoff,
mm
11.0
1.2
5.080.1
5.080.1
3-1.20.05 dia.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com