Electronic Components Datasheet Search
  English  ▼

X  

AH18809 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AH18809
Description  ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AH18809 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AH18809 Datasheet HTML 1Page - Panasonic Semiconductor AH18809 Datasheet HTML 2Page - Panasonic Semiconductor AH18809 Datasheet HTML 3Page - Panasonic Semiconductor AH18809 Datasheet HTML 4Page - Panasonic Semiconductor AH18809 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AH1
1
ds_62003_0102_en_ah1: 010314J
ORDERING INFORMATION
PRODUCT TYPES
1. Self-standing PC board terminal
ULTRA-MINIATURE
SWITCHES
WITH HIGH PRECISION
AH1 (FJ)
SWITCHES
Actuators
Operating force,
max.
Standard
(AgNi alloy contact)
Low-level circuit
(AgNi alloy + Gold-clad contact)
SPDT
SPDT
Pin plunger
0.74 N
AH14809
AH1480619
1.47 N
AH14609
AH1460619
Hinge lever
0.25 N
AH14829
AH1482619
0.49 N
AH14629
AH1462619
Simulated roller lever
0.26 N
AH14849
AH1484619
0.54 N
AH14649
AH1464619
8.5
12.8
6.0
FEATURES
• Integrally molded terminal block—
prevents soldering flux from entering
into housing
• Compact size —minimizes size of
equipment
• Flat terminal shape—makes
soldering easy
• Low-level circuit type available
• Self-standing PC board terminal type
available
TYPICAL
APPLICATIONS
• Computer mouse
• Charger unit for mobile phone
• Detection of key position for
automobiles
Product
Name
FJ
Terminal
4:
5:
6:
7:
8:
2.0 mm Self-standing
PC board terminal with stand off
Straight PC board terminal with stand off
2.0 mm Solder terminal with stand off
2.0 mm PC board right angle terminal
2.0 mm PC board left angle terminal
Remark: 2.0 mm PC board terminal straight type is available. For details, please consult us.
Operating force by
pin plunger (max.)
6:
8:
1.47 N
with stand off
0.74 N
with stand off
Actuator
0:
2:
4:
Pin plunger
Hinge lever
Simulated
roller lever
Contact
Nil:
61:
AgNi alloy
AgNi alloy +
Gold-clad
Agency
standard
9: UL/CSA
Ex.
AH
4
8
0
61
9
1
The color of:
Color
Body
Cap
Plunger
Type
Standard
Black
Black
White
Low-level circuit
Black
Black
Red


Similar Part No. - AH18809

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1883 DIODES-AH1883 Datasheet
96Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883 Rev. 1
AH1883 DIODES-AH1883 Datasheet
182Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1883 DIODES-AH1883 Datasheet
228Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Rev 6
AH1883-FJG-7 DIODES-AH1883-FJG-7 Datasheet
228Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Rev 6
AH1883-Z DIODES-AH1883-Z Datasheet
96Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883 Rev. 1
More results

Similar Description - AH18809

ManufacturerPart #DatasheetDescription
logo
GREATECS
G3T GREATECS-G3T Datasheet
759Kb / 1P
Ultra-Miniature SMT Toggle Switches
GB15JPD GREATECS-GB15JPD Datasheet
699Kb / 1P
Ultra-Miniature Pushbutton Switches with Fully Illuminated Plungers
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
logo
EUROQUARTZ limited
CXOQ EUROQUARTZ-CXOQ Datasheet
102Kb / 1P
Ultra-Miniature Precision Oscillator
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
Ultra-Miniature Illuminated Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
Ultra-Miniature Pushbutton Switches
logo
C&K Components
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com