Electronic Components Datasheet Search
  English  ▼

X  

TLV1805DBVR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV1805DBVR
Description  TLV1805 40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1805DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TLV1805DBVR Datasheet HTML 1Page - Texas Instruments TLV1805DBVR Datasheet HTML 2Page - Texas Instruments TLV1805DBVR Datasheet HTML 3Page - Texas Instruments TLV1805DBVR Datasheet HTML 4Page - Texas Instruments TLV1805DBVR Datasheet HTML 5Page - Texas Instruments TLV1805DBVR Datasheet HTML 6Page - Texas Instruments TLV1805DBVR Datasheet HTML 7Page - Texas Instruments TLV1805DBVR Datasheet HTML 8Page - Texas Instruments TLV1805DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TLV1805
SNOSD50A – DECEMBER 2018 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: TLV1805
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 5
6.7
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 17
7.1
Overview ................................................................. 17
7.2
Functional Block Diagram ....................................... 17
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 18
8
Application and Implementation ........................ 21
8.1
Application Information............................................ 21
8.2
Typical Applications ............................................... 21
9
Power Supply Recommendations ...................... 28
10
Layout................................................................... 28
10.1
Layout Guidelines ................................................. 28
10.2
Layout Example .................................................... 28
11
Device and Documentation Support ................. 29
11.1
Documentation Support ........................................ 29
11.2
Receiving Notification of Documentation Updates 29
11.3
Support Resources ............................................... 29
11.4
Trademarks ........................................................... 29
11.5
Electrostatic Discharge Caution ............................ 29
11.6
Glossary ................................................................ 29
12
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (December 2018) to Revision A
Page
•
Added links to Applications list ............................................................................................................................................... 1
•
Changed Output High and Low vs Supply Graphs .............................................................................................................. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com