Electronic Components Datasheet Search
  English  ▼

X  

TLV1805DBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV1805DBVR
Description  TLV1805 40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1805DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV1805DBVR Datasheet HTML 1Page - Texas Instruments TLV1805DBVR Datasheet HTML 2Page - Texas Instruments TLV1805DBVR Datasheet HTML 3Page - Texas Instruments TLV1805DBVR Datasheet HTML 4Page - Texas Instruments TLV1805DBVR Datasheet HTML 5Page - Texas Instruments TLV1805DBVR Datasheet HTML 6Page - Texas Instruments TLV1805DBVR Datasheet HTML 7Page - Texas Instruments TLV1805DBVR Datasheet HTML 8Page - Texas Instruments TLV1805DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
TLV1805
SNOSD50A – DECEMBER 2018 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: TLV1805
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails must
be current-limited to 10 mA or less.
(3)
Shutdown pin is diode-clamped to (V–). Input to SHDN that can swing more than 0.3 V below (V–) must be current-limited to 10 mA or
less.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
-0.3
42
V
Input pins (IN+, IN–)(2)
(V–) – 0.3
(V+) + 0.3
V
Shutdown pin (SHDN)(3)
(V–) – 0.3
(V–) + 5.5
V
Current into Input pins (IN+, IN–, SHDN)(2)
±10
mA
Output (OUT)
(V–) – 0.3
(V+) + 0.3
V
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standaed ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
3.3
40
V
Ambient temperature, TA
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV1805
UNIT
DBV (SOT23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
166.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
104.2
°C/W
RθJB
Junction-to-board thermal resistance
46.8
°C/W
ψJT
Junction-to-top characterization parameter
31.3
°C/W
ψJB
Junction-to-board characterization parameter
46.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com