Electronic Components Datasheet Search
  English  ▼

X  

TLV1805DBVR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV1805DBVR
Description  TLV1805 40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1805DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1805DBVR Datasheet HTML 5Page - Texas Instruments TLV1805DBVR Datasheet HTML 6Page - Texas Instruments TLV1805DBVR Datasheet HTML 7Page - Texas Instruments TLV1805DBVR Datasheet HTML 8Page - Texas Instruments TLV1805DBVR Datasheet HTML 9Page - Texas Instruments TLV1805DBVR Datasheet HTML 10Page - Texas Instruments TLV1805DBVR Datasheet HTML 11Page - Texas Instruments TLV1805DBVR Datasheet HTML 12Page - Texas Instruments TLV1805DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Shutdown Voltage (V)
0
1
2
3
4
5
6
-2
0
2
4
6
8
10
12
125°C
85°C
Shutdown Voltage (V)
0
1
2
3
4
5
6
-2
0
2
4
6
8
10
12
14
16
18
25°C
-40°C
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
1
1.2
1.4
1.6
1.8
2
Referenced to V-
125°C
85°C
50°C
25°C
0°C
-40°C
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0.5
0.55
0.6
0.65
0.7
0.75
0.8
Referenced to V-
-40°C
0°C
25°C
50°C
85°C
125°C
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.8
0.95
1.1
1.25
1.4
1.55
1.7
1.85
Referenced to V-
40V
36V
24V
12V
5V
3.3V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.5
0.55
0.6
0.65
0.7
0.75
0.8
Referenced to V-
40V
36V
24V
12V
5V
3.3V
9
TLV1805
www.ti.com
SNOSD50A – DECEMBER 2018 – REVISED JANUARY 2020
Product Folder Links: TLV1805
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 12 V, VCM = VS/2, and input overdrive = 100 mV (unless otherwise noted)
Figure 15. Shutdown Voltage High Threshold vs.
Temperature
Figure 16. Shutdown Voltage Low Threshold vs.
Temperature
Figure 17. Shutdown Voltage High Threshold vs. Supply
Voltage
Figure 18. Shutdown Voltage Low Threshold vs. Supply
Voltage
Figure 19. Shutdown Input Bias Current vs. Shutdown Input
Voltage, High Temperatures
Figure 20. Shutdown Input Bias Current vs. Shutdown Input
Voltage, Low Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com