Electronic Components Datasheet Search
  English  ▼

X  

TLV758P Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV758P
Description  TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV758P Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV758P Datasheet HTML 17Page - Texas Instruments TLV758P Datasheet HTML 18Page - Texas Instruments TLV758P Datasheet HTML 19Page - Texas Instruments TLV758P Datasheet HTML 20Page - Texas Instruments TLV758P Datasheet HTML 21Page - Texas Instruments TLV758P Datasheet HTML 22Page - Texas Instruments TLV758P Datasheet HTML 23Page - Texas Instruments TLV758P Datasheet HTML 24Page - Texas Instruments TLV758P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
7.2 Typical Application
Figure 7-5 shows the typical application circuit for the TLV758P. Input and output capacitances must be at least
1 µF.
IN
OUT
GND
EN
DNC
TLV758P
V
OUT
V
IN
FB
C
IN
C
OUT
V
EN
R
2
R
1
Figure 7-5. TLV758P Typical Application
7.2.1 Design Requirements
Use the parameters listed in Table 7-1 for typical linear regulator applications.
Table 7-1. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
3.8 V
Output voltage
3.3 V, ±1%
Input current
500 mA (maximum)
Output load
500-mA DC
Maximum ambient temperature
70°C
7.2.2 Detailed Design Procedure
Input and output capacitors are required to achieve the output voltage transient requirements. Capacitance
values of 2.2 µF are selected to give the maximum output capacitance in a small, low-cost package; see the
Input and Output Capacitor Selection section for details.
Figure 7-1 illustrates the output voltage of the TLV758P; set the output voltage using the resistor divider.
7.2.2.1 Input Current
During normal operation, the input current to the LDO is approximately equal to the output current of the LDO.
During start-up, the input current is higher as a result of the inrush current charging the output capacitor. Use
Equation 6 to calculate the current through the input.
I
=
OUT(t)
C
OUT
OUT
´ dV
(t)
dt
V
OUT(t)
R
LOAD
+
(6)
where:
• VOUT(t) is the instantaneous output voltage of the turn-on ramp
• dVOUT(t) / dt is the slope of the VOUT ramp
• RLOAD is the resistive load impedance
www.ti.com
TLV758P
SBVS351D – APRIL 2018 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV758P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com