Electronic Components Datasheet Search
  English  ▼

X  

TLV758P Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV758P
Description  TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV758P Datasheet(HTML) 5 Page - Texas Instruments

  TLV758P Datasheet HTML 1Page - Texas Instruments TLV758P Datasheet HTML 2Page - Texas Instruments TLV758P Datasheet HTML 3Page - Texas Instruments TLV758P Datasheet HTML 4Page - Texas Instruments TLV758P Datasheet HTML 5Page - Texas Instruments TLV758P Datasheet HTML 6Page - Texas Instruments TLV758P Datasheet HTML 7Page - Texas Instruments TLV758P Datasheet HTML 8Page - Texas Instruments TLV758P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
1.5
6.0
V
VOUT
Output voltage
0.55
5.5
V
IOUT
Output current
0
500
mA
CIN
Input capacitor
1
µF
COUT
Output capacitor(1)
1
220
µF
VEN
Enable voltage(2)
0
6.0
V
fEN
Enable toggle frequency
10
kHz
TJ
Junction temperature
–40
125
°C
(1)
Minimum derated capacitance of 0.47 µF is required for stability.
(2)
If VEN > VIN, when VEN > VUVLO rising (min), the input pin (IN) must sink 1 mA of current to avoid the device being turn on with floating
input pin.
5.4 Thermal Information
THERMAL METRIC(1)
TLV758P
UNIT
DBV (SOT-23)
DRV (WSON)
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
176.9
80.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
95.3
98.7
°C/W
RθJB
Junction-to-board thermal resistance
45.0
44.8
°C/W
ψJT
Junction-to-top characterization parameter
21.0
6.1
°C/W
ψJB
Junction-to-board characterization parameter
44.8
45.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
20.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
TLV758P
SBVS351D – APRIL 2018 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV758P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com