Electronic Components Datasheet Search
  English  ▼

X  

TLV758P Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV758P
Description  TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV758P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV758P Datasheet HTML 7Page - Texas Instruments TLV758P Datasheet HTML 8Page - Texas Instruments TLV758P Datasheet HTML 9Page - Texas Instruments TLV758P Datasheet HTML 10Page - Texas Instruments TLV758P Datasheet HTML 11Page - Texas Instruments TLV758P Datasheet HTML 12Page - Texas Instruments TLV758P Datasheet HTML 13Page - Texas Instruments TLV758P Datasheet HTML 14Page - Texas Instruments TLV758P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
5.6 Typical Characteristics (continued)
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN,
and CIN = COUT = 1 µF (unless otherwise noted)
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
D001
VIN = 3.5 V
VIN = 3.6 V
VIN = 3.7 V
VIN = 3.8 V
VOUT = 3.3 V, IOUT = 500 mA, COUT = 2.2 µF
Figure 5-25. PSRR vs Frequency and VIN
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 3.9 V
VIN = 4.0 V
VIN = 4.1 V
VIN = 4.2 V
VIN = 4.3 V
VOUT = 3.3 V, IOUT = 500 mA, COUT = 2.2 µF
Figure 5-26. PSRR vs Frequency and VIN
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 3.5 V
VIN = 3.6 V
VIN = 3.7 V
VIN = 3.8 V
VOUT = 3.3 V, IOUT = 250 mA, COUT = 2.2 µF
Figure 5-27. PSRR vs Frequency and VIN
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 3.9 V
VIN = 4.0 V
VIN = 4.1 V
VIN = 4.2 V
VIN = 4.3 V
VOUT = 3.3 V, IOUT = 250 mA, COUT = 2.2 µF
Figure 5-28. PSRR vs Frequency and VIN
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 1.9 V, VOUT = 0.9 V
VIN = 2.8 V, VOUT = 1.8 V
VIN = 4.3 V, VOUT = 3.3 V
IOUT = 500 mA, COUT = 2.2 µF
Figure 5-29. PSRR vs Frequency
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
COUT = 1 PF
COUT = 2.2 PF
COUT = 4.7 PF
COUT = 47 PF
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 500 mA
Figure 5-30. PSRR vs Frequency and COUT
www.ti.com
TLV758P
SBVS351D – APRIL 2018 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV758P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com